Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APC08F03 Datasheet(PDF) 6 Page - Astec America, Inc

Part # APC08F03
Description  Non-Isolated DC/DC Power Module
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

APC08F03 Datasheet(HTML) 6 Page - Astec America, Inc

Back Button APC08F03 Datasheet HTML 2Page - Astec America, Inc APC08F03 Datasheet HTML 3Page - Astec America, Inc APC08F03 Datasheet HTML 4Page - Astec America, Inc APC08F03 Datasheet HTML 5Page - Astec America, Inc APC08F03 Datasheet HTML 6Page - Astec America, Inc APC08F03 Datasheet HTML 7Page - Astec America, Inc APC08F03 Datasheet HTML 8Page - Astec America, Inc APC08F03 Datasheet HTML 9Page - Astec America, Inc APC08F03 Datasheet HTML 10Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Technical Reference Note (APC08)
MODEL: APC08 SERIES
SHEET 6 OF 23
OCTOBER 4, 2004 - REVISION 03
Electrical Specifications (continued)
Note:
3. This feature is only for module protection and is not intended for customer application. The value is
specified at 25C ambient air temperature. For other ambient air temperature, please refer to thermal
derating curve to determine corresponding current-limit inception values.
4. Pulse train with 90 ms period and 1ms pulse width. Average Iout equals about zero.
5. Input to Output Turn-On time is defined as the difference between t1 and t2: where t1 is the time
when the input voltage reaches the minimum VIN (VIN = VIN,MIN) and t2 is the time when the output
voltage reaches it's specified range (VO = VO,SET-Min).
6. There are two methods applicable to be able to trim the output voltage. Please refer to related
sections under Feature Specification.
7. See Figure 6 for PGood configuration
8. Refer to further notes under Feature Specification for the Enable Pin function.
9. Check with factory for higher output capacitance loading.
10. Please refer to “Basic Operation and Features” section on page 11 for additional information on Current
sharing.
11. Output ripple is measured with 470µF cap termination on the output.
ISOLATION SPECIFICATION
- The APC08 series are Non Isolated units.
SAFETY APPROVAL
- UL / cUL 60950, and TUV EN60950 - Flammability and temp rise only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com