Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APC08F03 Datasheet(PDF) 14 Page - Astec America, Inc

Part # APC08F03
Description  Non-Isolated DC/DC Power Module
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

APC08F03 Datasheet(HTML) 14 Page - Astec America, Inc

Back Button APC08F03 Datasheet HTML 10Page - Astec America, Inc APC08F03 Datasheet HTML 11Page - Astec America, Inc APC08F03 Datasheet HTML 12Page - Astec America, Inc APC08F03 Datasheet HTML 13Page - Astec America, Inc APC08F03 Datasheet HTML 14Page - Astec America, Inc APC08F03 Datasheet HTML 15Page - Astec America, Inc APC08F03 Datasheet HTML 16Page - Astec America, Inc APC08F03 Datasheet HTML 17Page - Astec America, Inc APC08F03 Datasheet HTML 18Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Technical Reference Note (APC08)
MODEL: APC08 SERIES
SHEET 14 OF 23
OCTOBER 4, 2004 - REVISION 03
Performance Curves - Thermal Derating Curve
3.3V Derating
0
1
2
3
4
5
6
7
8
9
25
35
45
55
65
75
85
Ambient Temperature [ °C]
0 LFM
400 LFM
2.5V Derating
0
1
2
3
4
5
6
7
8
9
25
35
45
55
65
75
85
Ambient Temperature [ °C]
0 LFM
400 LFM
Figure 19. APC08F03 Thermal Derating Curve.
Figure 20. APC08G03 Thermal Derating Curve.
Figure 21. APC08Y03 Thermal Derating Curve.
Figure 22. APC08M03 Thermal Derating Curve.
1.2V Derating
0
1
2
3
4
5
6
7
8
9
25
35
45
55
65
75
85
Ambient Temperature [ °C]
0 LFM
400 LFM
1.8V Derating
0
1
2
3
4
5
6
7
8
9
25
35
45
55
65
75
85
Ambient Temperature [ °C]
0 LFM
400 LFM
0.9V Derating
0
1
2
3
4
5
6
7
8
9
25
35
45
55
65
75
85
Ambient Temperature [ °C]
0 LFM
400 LFM
Figure 23. APC08K03 Thermal Derating Curve.
Figure 24. APC08J03 Thermal Derating Curve.
1.5V Derating
0
1
2
3
4
5
6
7
8
9
25
35
45
55
65
75
85
Ambient Temperature [ °C]
0 LFM
400 LFM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com