Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APC08F03 Datasheet(PDF) 23 Page - Astec America, Inc

Part # APC08F03
Description  Non-Isolated DC/DC Power Module
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

APC08F03 Datasheet(HTML) 23 Page - Astec America, Inc

Back Button APC08F03 Datasheet HTML 15Page - Astec America, Inc APC08F03 Datasheet HTML 16Page - Astec America, Inc APC08F03 Datasheet HTML 17Page - Astec America, Inc APC08F03 Datasheet HTML 18Page - Astec America, Inc APC08F03 Datasheet HTML 19Page - Astec America, Inc APC08F03 Datasheet HTML 20Page - Astec America, Inc APC08F03 Datasheet HTML 21Page - Astec America, Inc APC08F03 Datasheet HTML 22Page - Astec America, Inc APC08F03 Datasheet HTML 23Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 23 / 23 page
background image
Technical Reference Note (APC08)
MODEL: APC08 SERIES
SHEET 23 OF 23
OCTOBER 4, 2004 - REVISION 03
PART NUMBER CODING SCHEME FOR ORDERING
A
P
C
0
8
x
0
y
-
z
x
Output Voltage
F = 3.3V
M = 1.5V
G = 2.5V
K = 1.2V
Y = 1.8V
J = 0.9V
y
Input Voltage Range
3: 1.8V to 6V
8: 5V to 12V
z
Options
9:
Trim function
9MA: Trim function plus PGood and Current Sharing
J:
Adding a J suffix indicates Jedec style tray packaging
W:
Improved Loop Bandwidth (for APC08x03 version only)
Please call 1-888-41-ASTEC for further inquiries or
visit us at www.astecpower.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com