Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APC08F03 Datasheet(PDF) 9 Page - Astec America, Inc

Part # APC08F03
Description  Non-Isolated DC/DC Power Module
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

APC08F03 Datasheet(HTML) 9 Page - Astec America, Inc

Back Button APC08F03 Datasheet HTML 5Page - Astec America, Inc APC08F03 Datasheet HTML 6Page - Astec America, Inc APC08F03 Datasheet HTML 7Page - Astec America, Inc APC08F03 Datasheet HTML 8Page - Astec America, Inc APC08F03 Datasheet HTML 9Page - Astec America, Inc APC08F03 Datasheet HTML 10Page - Astec America, Inc APC08F03 Datasheet HTML 11Page - Astec America, Inc APC08F03 Datasheet HTML 12Page - Astec America, Inc APC08F03 Datasheet HTML 13Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Technical Reference Note (APC08)
MODEL: APC08 SERIES
SHEET 9 OF 23
OCTOBER 4, 2004 - REVISION 03
Method 1: External Trim Resistor (continued)
whichever is lower. By connecting an external resistor across P4 and P2, Vo is adjusted to a lower value. Only small
reductions, 2%, in voltage are recommended, as adjustment to lower voltages tends to affect the loop compensation of the
module.
Full range adjustment (from 0.9V to 3.6V) can be obtained from a module with the lowest Vo setpoint (0.9Vo).
To adjust Vo to a higher value, please refer to
Figure 4. The required resistor value (Rt) can be
determined through Equation (1) where Vo is the
voltage on P2 before the adjustment and Vot is the
voltage of P2 after Rt is connected.
1
R
Vo
Vot
Vref
Rt
−
=
Equation (1)
Please refer to related constants given in TABLE 1 to calculate the Equation.
TABLE 1. CONSTANTS
Version
0.9V
1.2V
1.5V
1.8V
2.5V
3.3V
R1
APC08X03
R2
97.6k
8.45k
4.32k
2.94k
1.69k
1.13k
3.09k
APC08X08
R2
210k
17.4k
9.09k
6.04k
3.48k
2.32k
6.49k
Vr / Vref
0.87V
Be aware that the maximum Vo allowed is 3.6V (for APC08x08 series). Please refer to Centauri datasheet.
Example:
Module version: APC08J03-9 (1.8 to 6.0Vin, 0.9Vo).
Requiring to adjust output voltage from Vo = 0.9V to Vot = 1.8V. Vref = 0.875V and R1 = 3.09kΩ (from TABLE 1).
Based on Equation (1), Rt can be determined as 3.0k
Ω.
To adjust Vo to a lower value, Rt should be connected between P4 and P2. Equation (2) provides the calculation for Rt.
2
)
(
)
)(
(
R
V
V
V
V
V
V
V
Rt
ot
o
ref
ref
ot
ref
o
−
−
−
=
Equation (2)
Note: minimum Vo = 0.9V
Figure 4. Output Voltage Trim Setup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com