Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APC08F03 Datasheet(PDF) 3 Page - Astec America, Inc

Part # APC08F03
Description  Non-Isolated DC/DC Power Module
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

APC08F03 Datasheet(HTML) 3 Page - Astec America, Inc

  APC08F03 Datasheet HTML 1Page - Astec America, Inc APC08F03 Datasheet HTML 2Page - Astec America, Inc APC08F03 Datasheet HTML 3Page - Astec America, Inc APC08F03 Datasheet HTML 4Page - Astec America, Inc APC08F03 Datasheet HTML 5Page - Astec America, Inc APC08F03 Datasheet HTML 6Page - Astec America, Inc APC08F03 Datasheet HTML 7Page - Astec America, Inc APC08F03 Datasheet HTML 8Page - Astec America, Inc APC08F03 Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Technical Reference Note (APC08)
MODEL: APC08 SERIES
SHEET 3 OF 23
OCTOBER 4, 2004 - REVISION 03
Electrical Specifications
STANDARD TEST CONDITION on a single unit, unless otherwise specified.
TA:
25
°C (Ambient Air)
Vin (P1):
APC08x03
+1.8V to +6.0V
APC08x08
+5.0V to +13V
Enable (P5):
Open
Vo (P2):
Connect to load
Gnd (P3):
Return for Vin and Vo
Trim (P4):
Open
PGood (P6):
Open
P (P7):
Open
ABSOLUTE MAXIMUM RATINGS
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation
of the device is not implied at these or in any other conditions in excess of those given in the operational sections of
the specs. Exposure to absolute maximum ratings for extended periods can adversely affect device reliability.
Parameter
Device
Symbol
Min
Typ
Max
Unit
Input Voltage
Continuous
03
VIN
1.8
-
6.0
Vdc
Transient (100ms)
03
VIN,trans
-
-
7.0
Vdc
Continuous
08
VIN
5.0
-
13.0
Vdc
Transient (100ms)
08
VIN,trans
-
-
14.0
Vdc
Operating Temperature
All
TA
-40
-
85
ºC
Storage Temperature
All
TSTG
-40
-
125
ºC
Operating Humidity
All
-
-
-
85
%
INPUT SPECIFICATIONS
Parameter
Device
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
1
03
VIN
1.8
3.3
6.0
Vdc
08
5.0
8.0
12.0
Vdc
Maximum Input Current
2
(VIN = 0 to VIN,max; IO = IO,max)
All
APC05
APC04
IIN,max
-
-
9.0
6.0
5.0
A
Input Ripple Current
5Hz to 20MHz
All
IIN-1
-
200
250
mAp-p
Note:
1. Minimum VIN (03 device) for 1V8, 2V5 and 3V3 versions are 2V2, 3V and 4V respectively. For 08
device, min VIN for 5V and 6V versions are 7.5Vin and 8.5Vin
2. This power module is not internally fused. The use of an input line fuse (03 Version: GMA-10A; 08
version: GMA-6A Bussman fuses or equivalent) is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com