Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV45C Datasheet(PDF) 12 Page - Astec America, Inc

Part # AV45C
Description  1.5V, 1.8V, 3.3V, 5V Single Output 48V Input, 100W DC-DC Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AV45C Datasheet(HTML) 12 Page - Astec America, Inc

Back Button AV45C Datasheet HTML 8Page - Astec America, Inc AV45C Datasheet HTML 9Page - Astec America, Inc AV45C Datasheet HTML 10Page - Astec America, Inc AV45C Datasheet HTML 11Page - Astec America, Inc AV45C Datasheet HTML 12Page - Astec America, Inc AV45C Datasheet HTML 13Page - Astec America, Inc AV45C Datasheet HTML 14Page - Astec America, Inc AV45C Datasheet HTML 15Page - Astec America, Inc AV45C Datasheet HTML 16Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
T
Transient response
ransient response (48V rated input voltage, full load, at 25 °C)
(48V rated input voltage, full load, at 25 °C)
A
A
A
AV
V
V
V 4
4
4
4 5
5
5
5 C
C
C
C Q
Q
Q
Q u
u
u
u a
a
a
a rrrrtttte
e
e
e rrrr--B
B
B
B rrrriiiic
c
c
c k
k
k
k S
S
S
S e
e
e
e rrrriiiie
e
e
e s
s
s
s 1
1
1
1 0
0
0
0 0
0
0
0 W
W
W
W P
P
P
P o
o
o
o w
w
w
w e
e
e
e rrrr C
C
C
C o
o
o
o n
n
n
n v
v
v
v e
e
e
e rrrrtttte
e
e
e rrrrs
s
s
s
3
3
3
3 6
6
6
6 V
V
V
V d
d
d
d c
c
c
c tttto
o
o
o 7
7
7
7 5
5
5
5 V
V
V
V d
d
d
d c
c
c
c IIIIn
n
n
n p
p
p
p u
u
u
u tttt,,,, S
S
S
S iiiin
n
n
n g
g
g
g lllle
e
e
e O
O
O
O u
u
u
u ttttp
p
p
p u
u
u
u tttt
-12-
USA
Europe
Asia
TEL:
1-760-930-4600
44-(0)1384-842-211
852-2437-9662
FAX:
1-760-930-0698
44-(0)1384-843-355
852-2402-4426
www.astec.com
Typical Transient Response to Step Load Change
from 50%-75%-50%Iomax,AV45C-048L-050F20HAN
Typical Transient Response to Step Load Change
from 75%-50%Iomax, AV45C-048L-050F20HAN
Typical Transient Response to Step Load Change
from 50%-75%Iomax, AV45C-048L-050F20HAN
Typical Transient Response to Step Load Change
from 50%-75%-50%Iomax, AV45C-048L-018F20HAN
Typical Transient Response to Step Load Change
from 75%-50%Iomax, AV45C-048L-018F20HAN
Typical Transient Response to Step Load Change
from 50%-75%Iomax, AV45C-048L-018F20HAN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com