Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV45C Datasheet(PDF) 1 Page - Astec America, Inc

Part # AV45C
Description  1.5V, 1.8V, 3.3V, 5V Single Output 48V Input, 100W DC-DC Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AV45C Datasheet(HTML) 1 Page - Astec America, Inc

  AV45C Datasheet HTML 1Page - Astec America, Inc AV45C Datasheet HTML 2Page - Astec America, Inc AV45C Datasheet HTML 3Page - Astec America, Inc AV45C Datasheet HTML 4Page - Astec America, Inc AV45C Datasheet HTML 5Page - Astec America, Inc AV45C Datasheet HTML 6Page - Astec America, Inc AV45C Datasheet HTML 7Page - Astec America, Inc AV45C Datasheet HTML 8Page - Astec America, Inc AV45C Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
-1-
A
AV
V 4
4 5
5 C
C Q
Q u
u a
a rrtte
e rr--b
b rriic
c k
k S
S e
e rriie
e s
s
T
Te
e c
c h
h n
n iic
c a
a ll R
R e
e ffe
e rre
e n
n c
c e
e N
N o
o tte
e s
s
1.5V
1.5V, 1.8V
, 1.8V, 3.3V
, 3.3V, 5V Single Output
, 5V Single Output
48V Input, 100W DC-DC Converter
48V Input, 100W DC-DC Converter
(Rev01)
USA
Europe
Asia
TEL:
1-760-930-4600
44-(0)1384-842-211
852-2437-9662
FAX:
1-760-930-0698
44-(0)1384-843-355
852-2402-4426
Publishing Date: 20020621


Similar Part No. - AV45C

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AV45C-048L-015F20HAN-68 ASTEC-AV45C-048L-015F20HAN-68 Datasheet
91Kb / 2P
100 Watts
AV45C-048L-050F20HAN-68 ASTEC-AV45C-048L-050F20HAN-68 Datasheet
91Kb / 2P
100 Watts
AV45C-20 ASTEC-AV45C-20 Datasheet
91Kb / 2P
100 Watts
More results

Similar Description - AV45C

ManufacturerPart #DatasheetDescription
logo
Power-One
Q2S30ZA POWER-ONE-Q2S30ZA Datasheet
100Kb / 2P
Q2S Series - 30A Quarter Brick DC/DC Converter 48V Input 1.5V to 3.3V Output
QLS30ZB POWER-ONE-QLS30ZB Datasheet
143Kb / 8P
QLS30 Series . 30A Quarter-Brick DC/DC Converter 48V Input 1.8V, 1.5V, 1.2V Output
logo
Galaxy Power, Inc.
GHPW5V020 GALAXY-GHPW5V020 Datasheet
1Mb / 7P
Very High Efficiency DC/DC Converter 24/48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 30A Output or 5.0V DC, 20A Output
GPDW5V015R GALAXY-GPDW5V015R Datasheet
755Kb / 6P
DORADO 24V or 48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 20A Output or 5.0V DC, 15A Output
logo
Astec America, Inc
APE12M05 ASTEC-APE12M05 Datasheet
85Kb / 12P
5V Input, 1.5V Output 18W DC-DC Converter
logo
Astrodyne Corporation
SD-100 ASTRODYNE-SD-100 Datasheet
202Kb / 2P
100W Single Output DC-DC Converter
logo
Mean Well Enterprises C...
SD-100 MEANWELL-SD-100 Datasheet
374Kb / 2P
100W Single Output DC-DC Converter
SD-100 MEANWELL-SD-100_10 Datasheet
376Kb / 2P
100W Single Output DC-DC Converter
SD-100 MEANWELL-SD-100_11 Datasheet
375Kb / 2P
100W Single Output DC-DC Converter
SD-100 MEANWELL-SD-100_V01 Datasheet
570Kb / 3P
100W Single Output DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com