Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV45C Datasheet(PDF) 23 Page - Astec America, Inc

Part # AV45C
Description  1.5V, 1.8V, 3.3V, 5V Single Output 48V Input, 100W DC-DC Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AV45C Datasheet(HTML) 23 Page - Astec America, Inc

Back Button AV45C Datasheet HTML 17Page - Astec America, Inc AV45C Datasheet HTML 18Page - Astec America, Inc AV45C Datasheet HTML 19Page - Astec America, Inc AV45C Datasheet HTML 20Page - Astec America, Inc AV45C Datasheet HTML 21Page - Astec America, Inc AV45C Datasheet HTML 22Page - Astec America, Inc AV45C Datasheet HTML 23Page - Astec America, Inc AV45C Datasheet HTML 24Page - Astec America, Inc AV45C Datasheet HTML 25Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
USA
Europe
Asia
TEL:
1-760-930-4600
44-(0)1384-842-211
852-2437-9662
FAX:
1-760-930-0698
44-(0)1384-843-355
852-2402-4426
www.astec.com
Pin
Function
Pin
Function
1
-Vin
4
-Vo
2
CNT
5
-Sense
3
+Vin
6
Trim
7
+Sense
8+Vo
Fig.23 Mechanical Chart ( Pin-side view )
Fig.24 Hole Pattern ( Base-plate side view )
A
A
A
AV
V
V
V 4
4
4
4 5
5
5
5 C
C
C
C Q
Q
Q
Q u
u
u
u a
a
a
a rrrrtttte
e
e
e rrrr--B
B
B
B rrrriiiic
c
c
c k
k
k
k S
S
S
S e
e
e
e rrrriiiie
e
e
e s
s
s
s 1
1
1
1 0
0
0
0 0
0
0
0 W
W
W
W P
P
P
P o
o
o
o w
w
w
w e
e
e
e rrrr C
C
C
C o
o
o
o n
n
n
n v
v
v
v e
e
e
e rrrrtttte
e
e
e rrrrs
s
s
s
3
3
3
3 6
6
6
6 V
V
V
V d
d
d
d c
c
c
c tttto
o
o
o 7
7
7
7 5
5
5
5 V
V
V
V d
d
d
d c
c
c
c IIIIn
n
n
n p
p
p
p u
u
u
u tttt,,,, S
S
S
S iiiin
n
n
n g
g
g
g lllle
e
e
e O
O
O
O u
u
u
u ttttp
p
p
p u
u
u
u tttt
-23-
3.6
(0.14)
10.9
(0.43)
26.16
(1.030)
15.24
(0.600)
7.62
(0.300)
5.3
(0.21)
MOUNTING INSERTS
M3 x 0.5 THROUGH,
4 PLACES
– SENSE
TRIM
+ SENSE
CNT
5.3
(0.21)
47.2
(1.86)
15.24
(0.600)
7.62
(0.300)
11.43
(0.450)
3.81
(0.150)
VO(+)
VO(–)
Vin (–)
Vin (+)
50.80
(2.000)
1
2
3
4
5
6
7
8
1.450
(36.83)
0.600
(15.24)
0.43
(10.92)
0.21
(5.33)
0.21
(5.33)
2.28
(57.9)
1.86
(47.27)
M3 x 0.5 Mounting Inserts
Typical 4 Places
0.150
(3.81)
0.300
(7.62) 0.450
(11.43) 0.600
(15.24)
1.030
(26.16)
0.50
(12.7)
0.189
(4.8)
Pin
EXT.
0.040 (1.020)
Dia Plated Brass Pins
Typical 6 Places
0.060 (1.57) Dia Plated Brass Pins
Typical 2 Places
0.300
7.62
2.00
(50.8)
0.140
(3.56)
Tolerances:
Inches
Millimeters
.xx !0.020
.x !0.5
.xxx !0.010
.xx !0.25
Pins
>4mm
!0.02inch ( !0.5mm)
<4mm
!0.01inch ( !0.25mm)
Dimensions: inches (mm)
Dimensions: mm(inches)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com