Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV45C Datasheet(PDF) 19 Page - Astec America, Inc

Part # AV45C
Description  1.5V, 1.8V, 3.3V, 5V Single Output 48V Input, 100W DC-DC Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AV45C Datasheet(HTML) 19 Page - Astec America, Inc

Back Button AV45C Datasheet HTML 15Page - Astec America, Inc AV45C Datasheet HTML 16Page - Astec America, Inc AV45C Datasheet HTML 17Page - Astec America, Inc AV45C Datasheet HTML 18Page - Astec America, Inc AV45C Datasheet HTML 19Page - Astec America, Inc AV45C Datasheet HTML 20Page - Astec America, Inc AV45C Datasheet HTML 21Page - Astec America, Inc AV45C Datasheet HTML 22Page - Astec America, Inc AV45C Datasheet HTML 23Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
A
A
A
AV
V
V
V 4
4
4
4 5
5
5
5 C
C
C
C Q
Q
Q
Q u
u
u
u a
a
a
a rrrrtttte
e
e
e rrrr--B
B
B
B rrrriiiic
c
c
c k
k
k
k S
S
S
S e
e
e
e rrrriiiie
e
e
e s
s
s
s 1
1
1
1 0
0
0
0 0
0
0
0 W
W
W
W P
P
P
P o
o
o
o w
w
w
w e
e
e
e rrrr C
C
C
C o
o
o
o n
n
n
n v
v
v
v e
e
e
e rrrrtttte
e
e
e rrrrs
s
s
s
3
3
3
3 6
6
6
6 V
V
V
V d
d
d
d c
c
c
c tttto
o
o
o 7
7
7
7 5
5
5
5 V
V
V
V d
d
d
d c
c
c
c IIIIn
n
n
n p
p
p
p u
u
u
u tttt,,,, S
S
S
S iiiin
n
n
n g
g
g
g lllle
e
e
e O
O
O
O u
u
u
u ttttp
p
p
p u
u
u
u tttt
-19-
USA
Europe
Asia
TEL:
1-760-930-4600
44-(0)1384-842-211
852-2437-9662
FAX:
1-760-930-0698
44-(0)1384-843-355
852-2402-4426
www.astec.com
Output T
Output Trimming
rimming
Users can increase or decrease the output volt-
age set point of a module by connecting an
external resistor between the TRIM pin and
either the SENSE (+ ) or SENSE ( - ) pins. The
trim resistor should be positioned close to the
module. If not using the trim feature, leave
the TRIM pin open.
Trimming up by more than 10% of the nominal
output may damage the converter or trig the
OVP protection. Trimming down more than
20% can cause the converter to regulate
improperly. Trim down and trim up circuits and
the corresponding configuration are shown in
Figure 10 to Figure 14.
Note that at elevated output voltages the
maximum power rating of the module
remains the same, and the output current
capability will decrease correspondingly.
% Change In Output Voltage (y)
0
200
400
600
800
1000
1200
1400
1600
024
6
8
10
12
5.1Vo(100+y)
Radj-up =
510
1.225y
y
-
VI(+)
VI(–)
CNT
VO(+)
VO(–)
SENSE(+)
TRIM
SENSE(–)
Radj-up
RLOAD
where y is the adjusting percentage of the voltage.
0 < y < 10
Radj-up is in k
Ω.
- 10.2
Fig.12 Resistor Selection for 5Vout
Trimming Up
Fig.10 Circuit Configuration and Equation
to Trim Up Output Voltage
% Change In Output Voltage (y)
0
25
50
75
100
125
150
175
200
225
250
02
46
8
10
12
Radj-down =
0 < y < 20
where y is the adjusting percentage of the voltage.
Radj-up is in k
Ω.
VI(+)
VI(–)
CNT
VO(+)
VO(–)
SENSE(+)
TRIM
SENSE(–)
Radj-down
RLOAD
510
y
- 10.2
Fig.14 Resistor Selection for Trimming
Down Output
Fig.11 Circuit Configuration and Equation
to Trim Down Output Voltage
Fig.13 Resistor Selection for 1.8Vout
Trimming Up
% Change In Output Voltage (y)
0
50
100
150
200
250
300
350
400
450
500
0
5
10
15
20
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com