Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV45C Datasheet(PDF) 24 Page - Astec America, Inc

Part # AV45C
Description  1.5V, 1.8V, 3.3V, 5V Single Output 48V Input, 100W DC-DC Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AV45C Datasheet(HTML) 24 Page - Astec America, Inc

Back Button AV45C Datasheet HTML 17Page - Astec America, Inc AV45C Datasheet HTML 18Page - Astec America, Inc AV45C Datasheet HTML 19Page - Astec America, Inc AV45C Datasheet HTML 20Page - Astec America, Inc AV45C Datasheet HTML 21Page - Astec America, Inc AV45C Datasheet HTML 22Page - Astec America, Inc AV45C Datasheet HTML 23Page - Astec America, Inc AV45C Datasheet HTML 24Page - Astec America, Inc AV45C Datasheet HTML 25Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
PART NUMBER DESCRIPTION
ss pp c
-0 iv L-
xxx f
yy h n
-
p
-
mx-Options
p = Pin Length
Omit this digit for Standard 5mm
6 = 3.8mm, 7= 5.8mm
iv = Input Voltage
8 = 2.8mm
05 = Range centered on 5V
12 = Range centered on 12V
Enable Logic Polarity
24 = 18 to 36(2:1), 9 to 36V(4:1)
Omit for Positive Enable Logic
36 = 20 to 60V
N = Negative Enable
46 = 18V to 75V (4:1)
Except: AK60C-20H, BK60C-30H
48 = Typ 36 to 75V
Omit for Negative Logice
P = Positive Logic
c = Pinout compatability
A= Astec Footprint or "non Lucent" footprint
H = High Efficiency (Synch rect.)
C= Ind Std, Exact Lucent drop in
Omit H if Conventional Diode (low Eff)
yy = Output Current
pp = Package Type
ie. 08 = 8 Amps
40 = 1" x 2" SMD
42 = 1.5" x 2" SMD
f = # of Outputs
45 = 1.45" X 2.3" (1/4 Brk)
F = Single Output
60 = 2.4" X 2.3" (1/2 Brk)
D = Dual Output
80 = Full size 4.6" x 2.4"
72= 2.35" X 3.3 (3/4 Brk)
xxx = Output Voltage
Format is XX.X (ie 1.8V = 018)
ss = Series
AA = 1/2brick Dual (Old designator)
AK = Ind Std sizes (1/4, 1/2, full) <150W
mx = Options
AM/BM = Full size, astec pin out
M1,M2 = .25" Height Heatsink
AL = Half size, astec pin-out
M3,M4 = .5" height Heatsink
BK = Ind Std size =>150W or feature rich
M5.M6 = 1.0" Height Heatsink
AV = Avansys Product
Note: For some products, they may not conform with the PART NUMBER DESCRIPTION above absolutely.
REVISION Q
ATTACHMENT I
Page 1 of 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com