Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV45C Datasheet(PDF) 25 Page - Astec America, Inc

Part # AV45C
Description  1.5V, 1.8V, 3.3V, 5V Single Output 48V Input, 100W DC-DC Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AV45C Datasheet(HTML) 25 Page - Astec America, Inc

Back Button AV45C Datasheet HTML 17Page - Astec America, Inc AV45C Datasheet HTML 18Page - Astec America, Inc AV45C Datasheet HTML 19Page - Astec America, Inc AV45C Datasheet HTML 20Page - Astec America, Inc AV45C Datasheet HTML 21Page - Astec America, Inc AV45C Datasheet HTML 22Page - Astec America, Inc AV45C Datasheet HTML 23Page - Astec America, Inc AV45C Datasheet HTML 24Page - Astec America, Inc AV45C Datasheet HTML 25Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 25 / 25 page
background image
NEW PART NUMBER DESCRIPTION
Ac
s
ii
V1 V2 V3
Vin
-
e t p Mx
Output Voltage
A = 5.0V
E = 7.5V
F = 3.3V
B = 12V, C = 15V
G = 2.5V
L = 8V, H = 24V, R = 28V
D = 2.0V / 2.1V
Omit V2 and V3 if Single Output
Y = 1.8V
Omit V3 if Dual Output
M = 1.5V
ie for Dual Output 5 and 3.3V
K = 1.2V
V1 =A, V2 = F, V3 =Omit
J = 0.9V
V1 =A, V2 = F, V3 =Omit
ii = Output Current Max
ie 60 = 60 Amps
Vin = Input Voltage range
300 = 250V to 450V
S = Size
48 = 36V to 75V
F = Full Brick
24 = 18V to 36V
H = Half Brick
03 = 1.8V to 5.0V
Q = Quarter Brick
08 = 5.0V to 13.0V
S = 1 X 2 18 Pin SMT
PFC: Power Factor Corrected
E = 1 X 2 Thru Hole
C = (.53X1.3X.33) SMT (Austin Lite drop in)
E = Enable Logic for > 15W
V = Conventional Package (2X2.56") or (
Omit this digit for Positive enable
A = SIP
N = Negative Logic
W = Convent pkg (Wide 2.5X3)
E = Enable Logic for < 15W
R = 1 X 1 Thru Hole
Omit this digit for no enable option
A = SIP
1 = Negative Logic
T = 1.6 X 2
4 = Positive Logic
c = Construction
Trim for 1W to 15W
E = Enhanced Thermals (Baseplate or adapter plate)
9 = Trim Added
I = Integrated (Full Featured) Hong Kong models
L = Low Profile (Open Frame, No case - Isolated)
P = Open Frame (SIP or SMT) non-isolated
P = Pin Length
Omit this digit for Standard 5mm
6 = 3.8mm
8 = 2.8mm
7 = 5.8 mm
Mx - Factory Options
customer Specific
Note: For some products, they may not conform with the NEW PART NUMBER DESCRIPTION above absolutely.
REVISION Q
ATTACHMENT I
Page 2 of 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com