Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL366 Datasheet(PDF) 39 Page - Analog Devices

Part # ADXL366
Description  Micropower, 3-Axis, ±2g/±4g/±8g Digital Output MEMS Accelerometer
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL366 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADXL366 Datasheet HTML 35Page - Analog Devices ADXL366 Datasheet HTML 36Page - Analog Devices ADXL366 Datasheet HTML 37Page - Analog Devices ADXL366 Datasheet HTML 38Page - Analog Devices ADXL366 Datasheet HTML 39Page - Analog Devices ADXL366 Datasheet HTML 40Page - Analog Devices ADXL366 Datasheet HTML 41Page - Analog Devices ADXL366 Datasheet HTML 42Page - Analog Devices ADXL366 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 71 page
background image
Data Sheet
ADXL366
REGISTER DETAILS
analog.com
Rev. 0 | 39 of 71
Z-DATA BITS[5:0] REGISTER
Address: 0x13, Reset: 0x00, Name: ZDATA_L
Table 30. Bit Descriptions for ZDATA_L
Bits
Bit Name
Settings
Description
Reset
Access
[7:2]
ZDATA[5:0]
These two registers contain the sign extended (Z) z-axis acceleration data. ZDATA_H contains the eight
MSBs, and ZDATA_L contains the six LSBs of the 14-bit value.
0x0
R
[1:0]
RESERVED
Reserved.
0x0
R
TEMPERATE DATA BITS[13:6] REGISTER
Address: 0x14, Reset: 0x00, Name: TEMP_H
Table 31. Bit Descriptions for TEMP_H
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
TEMP_DATA[13:6]
These two registers contain the sign extended (T) temperate data. TEMP_H contains the eight
MSBs, and TEMP_L contains the six LSBs of the 14-bit value.
0x0
R
TEMPERATE DATA BITS[5:0] REGISTER
Address: 0x15, Reset: 0x00, Name: TEMP_L
Table 32. Bit Descriptions for TEMP_L
Bits
Bit Name
Settings
Description
Reset
Access
[7:2]
TEMP_DATA[5:0]
These two registers contain the sign extended (T) temperate data. TEMP_H contains the eight
MSBs, and TEMP_L contains the six LSBs of the 14-bit value.
0x0
R
[1:0]
RESERVED
Reserved.
0x0
R
ADC DATA BITS[13:6] REGISTER
Address: 0x16, Reset: 0x00, Name: EX_ADC_H
Table 33. Bit Descriptions for EX_ADC_H
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
EX_ADC_DATA[13:6]
These two registers contain the sign extended (ADC) external connected input ADC data.
EX_ADC_H contains the eight MSBs, and EX_ADC_L contains the six LSBs of the 14-bit
value.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com