Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL366 Datasheet(PDF) 42 Page - Analog Devices

Part # ADXL366
Description  Micropower, 3-Axis, ±2g/±4g/±8g Digital Output MEMS Accelerometer
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL366 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADXL366 Datasheet HTML 38Page - Analog Devices ADXL366 Datasheet HTML 39Page - Analog Devices ADXL366 Datasheet HTML 40Page - Analog Devices ADXL366 Datasheet HTML 41Page - Analog Devices ADXL366 Datasheet HTML 42Page - Analog Devices ADXL366 Datasheet HTML 43Page - Analog Devices ADXL366 Datasheet HTML 44Page - Analog Devices ADXL366 Datasheet HTML 45Page - Analog Devices ADXL366 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 71 page
background image
Data Sheet
ADXL366
REGISTER DETAILS
analog.com
Rev. 0 | 42 of 71
Table 40. Bit Descriptions for THRESH_INACT_H
Bits
Bit Name
Settings
Description
Reset
Access
7
RESERVED
Reserved.
0x0
R
[6:0]
THRESH_INACT[12:6]
To detect inactivity, the absolute value of the 14-bit acceleration data is compared with
the 13-bit (unsigned) THRESH_INACT value, inactivity = acceleration < acceleration. See
the Motion Detection section for more information. The term, THRESH_INACT, refers to a
13-bit unsigned value comprised of the THRESH_INACT_L registers, which holds its six
LSBs (THRESH_INACT[5:0]) and the THRESH_INACT_H register, which holds its seven
MSBs (THRESH_INACT[12:6]).
0x0
R/W
THRESHOLD INACTIVITY BITS[5:0] REGISTER
Address: 0x24, Reset: 0x00, Name: THRESH_INACT_L
Table 41. Bit Descriptions for THRESH_INACT_L
Bits
Bit Name
Settings
Description
Reset
Access
[7:2]
THRESH_INACT[5:0]
To detect inactivity, the absolute value of the 14-bit acceleration data is compared with the
13-bit (unsigned) THRESH_INACT value, inactivity = acceleration < acceleration. See the
Motion Detection section for more information. The term, THRESH_INACT, refers to a 13-bit
unsigned value comprised of the THRESH_INACT_L register, which holds its six LSBs
(THRESH_INACT[5:0]) and the THRESH_INACT_H register, which holds its seven MSBs
(THRESH_INACT[12:6]).
0x0
R/W
[1:0]
RESERVED
Reserved.
0x0
R
TIMED INACTIVITY BITS[15:8] REGISTER
Address: 0x25, Reset: 0x00, Name: TIME_INACT_H
Table 42. Bit Descriptions for TIME_INACT_H
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
TIME_INACT[15:8]
The 16-bit value in these registers sets the number of consecutive samples that must have all
axes lower than the inactivity threshold (set by THRESH_INACT) for an inactivity event to be
detected.
0x0
R/W
TIMED INACTIVITY BITS[7:0] REGISTER
Address: 0x26, Reset: 0x00, Name: TIME_INACT_L
Table 43. Bit Descriptions for TIME_INACT_L
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
TIME_INACT[7:0]
The 16-bit value in these registers sets the number of consecutive samples that must have all
axes lower than the inactivity threshold (set by THRESH_INACT) for an inactivity event to be
detected.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com