Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL366 Datasheet(PDF) 13 Page - Analog Devices

Part # ADXL366
Description  Micropower, 3-Axis, ±2g/±4g/±8g Digital Output MEMS Accelerometer
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL366 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADXL366 Datasheet HTML 9Page - Analog Devices ADXL366 Datasheet HTML 10Page - Analog Devices ADXL366 Datasheet HTML 11Page - Analog Devices ADXL366 Datasheet HTML 12Page - Analog Devices ADXL366 Datasheet HTML 13Page - Analog Devices ADXL366 Datasheet HTML 14Page - Analog Devices ADXL366 Datasheet HTML 15Page - Analog Devices ADXL366 Datasheet HTML 16Page - Analog Devices ADXL366 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 71 page
background image
Data Sheet
ADXL366
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 13 of 71
Figure 17. Pin Configuration
Table 9. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
SCLK
SPI Communication Clock. Tied low for I2C.
2
MOSI/SDA
Main Output, Subordinate Input (MOSI), or I2C Serial Data (SDA).
3
MISO/ASEL
Main Input, Subordinate Output (MISO), or I2C Address Select (ASEL).
4
CS/SCL
SPI Chip Select, Active Low (CS), or I2C Clock (SCL).
5
INT1
Interrupt 1 Output. INT1 also serves as an input for external clocking.
6
INT2
Interrupt 2 Output. INT2 also serves as an input for synchronized sampling.
7
GND
Ground. The GND pin must be grounded.
8
ADC_IN
ADC Input Pin. The ADC_IN pin can be left unconnected or can be connected to Pin 7 (GND) and/or Pin 11 (GND).
9
VREG_OUT1
Internally Regulated Voltage.
10
VS
Supply Voltage.
11
GND
Ground. The GND pin must be grounded.
12
VDDIO
Supply Voltage for Digital Input and Output.
1 The VREG_OUT pin is used as an internal supply decoupling pin, and an external 0.2μF capacitor is also required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com