Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL366 Datasheet(PDF) 24 Page - Analog Devices

Part # ADXL366
Description  Micropower, 3-Axis, ±2g/±4g/±8g Digital Output MEMS Accelerometer
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL366 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADXL366 Datasheet HTML 20Page - Analog Devices ADXL366 Datasheet HTML 21Page - Analog Devices ADXL366 Datasheet HTML 22Page - Analog Devices ADXL366 Datasheet HTML 23Page - Analog Devices ADXL366 Datasheet HTML 24Page - Analog Devices ADXL366 Datasheet HTML 25Page - Analog Devices ADXL366 Datasheet HTML 26Page - Analog Devices ADXL366 Datasheet HTML 27Page - Analog Devices ADXL366 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 71 page
background image
Data Sheet
ADXL366
POWER SAVINGS FEATURES
analog.com
Rev. 0 | 24 of 71
Linking Activity and Inactivity Detection
The activity and inactivity detection functions can be used concur-
rently and processed manually by a host processor, or they can
be configured to interact in several other ways, shown in the
Default Mode section, Linked Mode section, Loop Mode section,
and Autosleep section.
Default Mode
The user must enable the activity and inactivity functions because
these functions are not automatically enabled by default. After
the user enables the activity and inactivity functions, both activity
and inactivity detection remain enabled and all interrupts must be
serviced by a host processor, that is, a processor must read each
interrupt before it is cleared and can be used again.
Default mode operation is shown in the flowchart in Figure 49.
Figure 49. Flowchart Illustrating Activity and Inactivity Operation in Default
Mode
Linked Mode
In linked mode, activity and inactivity detection are linked to each
other in a way so that only one of the functions is enabled at any
given time. As soon as activity is detected, the device is assumed
to be moving (or awake) and stops looking for activity. Inactivity
is expected as the next event. Therefore, only inactivity detection
operates.
Similarly, when inactivity is detected, the device is assumed to be
stationary (or asleep). Therefore, activity is expected as the next
event and only activity detection operates.
In linked mode, activity interrupt is enabled first after power-up.
Each interrupt must be serviced by a host processor before the next
interrupt is enabled.
Note that the AWAKE bit is defined as follows:
►
On power-up, AWAKE = 1.
►
If inactivity is detected and inactivity interrupt is cleared, AWAKE
= 0.
►
If activity is detected and activity interrupt is cleared, AWAKE =
1.
It is important to note that in linked mode, the host processor
must read the status register to update the activity and inactivity
thresholds in referenced mode. Otherwise, the thresholds do not
update as the acceleration changes.
Linked mode operation is shown in the flowchart in Figure 50.
Figure 50. Flowchart Illustrating Activity and Inactivity Operation in Linked
Mode
Loop Mode
In loop mode, motion detection operates as described in the Linked
Mode section, but interrupts do not need to be serviced by a
host processor. This configuration simplifies the implementation of
commonly used motion detection and enhances power savings by
reducing the amount of power used in bus communication.
Similar to linked mode, activity interrupt is enabled first after power-
up in loop mode. Loop mode operation is shown in the flowchart in
Figure 51.
Figure 51. Flowchart Illustrating Activity and Inactivity Operation in Loop
Mode
Looped Mode Start-Up Routine
When using loop mode, it is important to note that the AWAKE bit is
always asserted when the device first enters measurement mode.
The device is currently waiting for an activity event. Therefore,
this AWAKE bit remains asserted until activity is detected and an
inactivity event is detected. To avoid this, the device must enter
measurement mode with an activity threshold less than the noise
level of the ADXL366 and an inactivity threshold greater than 1g,
which allows the device to de-assert the AWAKE bit immediately af-
ter entering measurement mode. The activity threshold can then be
raised to the desired level (while still in measurement mode). The



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com