Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL366 Datasheet(PDF) 21 Page - Analog Devices

Part # ADXL366
Description  Micropower, 3-Axis, ±2g/±4g/±8g Digital Output MEMS Accelerometer
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL366 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADXL366 Datasheet HTML 17Page - Analog Devices ADXL366 Datasheet HTML 18Page - Analog Devices ADXL366 Datasheet HTML 19Page - Analog Devices ADXL366 Datasheet HTML 20Page - Analog Devices ADXL366 Datasheet HTML 21Page - Analog Devices ADXL366 Datasheet HTML 22Page - Analog Devices ADXL366 Datasheet HTML 23Page - Analog Devices ADXL366 Datasheet HTML 24Page - Analog Devices ADXL366 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 71 page
background image
Data Sheet
ADXL366
POWER SAVINGS FEATURES
analog.com
Rev. 0 | 21 of 71
Designed for the most power conscious applications, the ADXL366
includes several features for enabling power savings at the system
level, as well as at the device level.
ULTRA-LOW POWER CONSUMPTION IN ALL
MODES
At the device level, the most obvious power saving feature of the
ADXL366 is its ultra-low current consumption in all configurations.
The ADXL366 consumes between 0.96µA (typical) and 1.3µA (typi-
cal) across all data rates up to 400Hz and all supply voltages up to
3.6V (see Figure 42). At an even lower power of 191nA (typical),
a motion triggered wake-up mode is provided for simple motion
detection applications that require a power consumption lower than
0.2µA.
At these current levels, the accelerometer consumes less power
in full operation than the standby currents of many other system
components, and is, therefore, optimal for applications that require
continuous acceleration monitoring and long battery life. Because
the accelerometer is always on, it can act as a motion activation
switch. The accelerometer signals to the rest of the system when to
turn on, thereby managing power at the system level.
As important as its low operating current, the 47nA (typical) standby
current of the ADXL366 contributes to a much longer battery life
in applications that spend most of their time in a sleep state and
wake-up via an external trigger.
PEDOMETER
The ADXL366 has a built-in step counting feature that, when
enabled, only adds 120nA (typical) of current consumption. The
step counter feature estimates the number of steps taken based on
the peak detection analysis of the vector of acceleration produced
by a step, over a predefined time window. To reduce false positives,
the step counter only considers steps as valid if eight or more steps
are detected, ensuring that the step count only increments when
the user is actively walking or running, as shown in the Figure 45.
Figure 45. Acceleration Profile of Person Walking 10 Steps in One Direction
and Then Turning Around and Walking 10 Steps More; The Step Count Is
Shown as Black Lines
Figure 46 shows, graphically, how the acceleration data is interpret-
ed and analyzed by the step counting feature. In Figure 46, within
the first second, the pedometer captured that a single step is
first taken, and the person then rests in place. The possible step
count increases to one after the first detected minimum; however,
because the second maximum does not meet the algorithm condi-
tion to be considered a possible step, the possible step count is
reset to zero. The person starts walking again at approximately
1.4sec. At approximately 6.5sec, the possible step count reaches
eight, and thus all eight possible steps and consecutive possible
steps are certified as valid steps and added to the pedometer step
count output registers.
Figure 46. Step Counter Acceleration Signal Processing
The step counter can be enabled by setting to 1 the PEDOM-
ETER_EN bit of PEDOMETER_CTL (Register 0x49), and the
current steps counted can be accessed by reading the PED-
OMETER_STEP_CNT_H register (Register 0x47) and PEDOME-
TER_STEP_CNT_L register (Register 0x48).
The two user-configurable parameters include the following:
►
The pedometer initial threshold is the initial offset that is fed to
the step counter when enabled. Its default value is 4000LSB,
and it can be modified by the user by writing the desired value
to the PEDOMETER_TRHES_H register (Register 0x4A) and
PEDOMETER_TRHES_L register (Register 0x4B). The scale
factor for these registers is 4000LSB/g. Internally, the threshold
is dynamically updated during operation every time the difference
between a pair of maximum and a minimum peaks is greater
than the pedometer sensitivity setting.
►
Pedometer sensitivity. defines a zone near the dynamic threshold
amplitude that helps to discard signals that are most likely due to
undesired motion. For a pair of maximum and minimum peaks to
be considered as a possible step, the following conditions must
be satisfied:
►
Maximum Peak > (Dynamic Threshold + Pedometer Sensitivi-
ty/2)
►
Minimum Peak < (Dynamic Threshold – Pedometer Sensitivi-
ty/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com