Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U385CG Datasheet(PDF) 44 Page - STMicroelectronics

Part # STM32U385CG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS, crypto
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U385CG Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STM32U385CG Datasheet HTML 40Page - STMicroelectronics STM32U385CG Datasheet HTML 41Page - STMicroelectronics STM32U385CG Datasheet HTML 42Page - STMicroelectronics STM32U385CG Datasheet HTML 43Page - STMicroelectronics STM32U385CG Datasheet HTML 44Page - STMicroelectronics STM32U385CG Datasheet HTML 45Page - STMicroelectronics STM32U385CG Datasheet HTML 46Page - STMicroelectronics STM32U385CG Datasheet HTML 47Page - STMicroelectronics STM32U385CG Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 224 page
background image
•
A tamper detection can optionally erase the backup registers, SRAM2, cache, and cryptographic
peripherals. The device resources protected by tamper are named "device secrets". The list of device
secrets is configurable by software.
•
32 32-bit backup registers:
–
The backup registers (TAMP_BKPxR) are implemented in the backup domain that remains powered-
on by VBAT when the VDD power is switched off.
•
Up to five tamper pins for five external tamper detection events:
–
Passive tampers: ultra-low-power edge or level detection with internal pull-up hardware management
–
Configurable digital filter
•
Nine internal tamper events to protect against transient or environmental perturbation attacks
•
Each tamper can be configured in two modes:
–
Confirmed mode: immediate erase of secrets on tamper detection, including backup registers erase
–
Potential mode: most of the secrets erase following a tamper detection are launched by software
•
Any tamper detection can generate an RTC timestamp event.
•
TrustZone® support:
–
Tamper secure or nonsecure configuration
–
Backup registers configuration in three configurable-size areas:
◦
One read/write secure area
◦
One write secure/read nonsecure area
◦
One read/write nonsecure area
•
Boot hardware key for secure AES, stored in backup registers, protected against read and write access
•
Tamper configuration and backup registers privilege protection
•
Monotonic counter
3.35
Inter-integrated circuit interface (I2C)
The device embeds three I2C. Refer to Table 13 for the features implementation.
The I2C (inter-integrated circuit) bus interface handles communications between the microcontroller and the serial
I2C bus. It provides multicontroller capability, and controls all I2C bus-specific sequencing, protocol, arbitration,
and timing. It supports Standard-mode (Sm), Fast-mode (Fm) and Fast-mode Plus (Fm+).
The I2C peripheral supports:
•
I2C-bus specification rev 3.0 compatibility:
–
Target and controller modes
–
Multicontroller capability
–
Standard-mode (up to 100 kHz)
–
Fast-mode (up to 400 kHz)
–
Fast-mode Plus (up to 1 MHz)
–
7-bit and 10-bit addressing mode
–
Multiple 7-bit target addresses (2 addresses, 1 with configurable mask)
–
Programmable setup and hold times
–
Easy to use event management
–
Optional clock stretching
–
Software reset
•
System management bus (SMBus) specification rev 3.0 compatibility:
–
Hardware PEC (packet error checking) generation and verification with ACK control
–
Command and data acknowledge control
–
Address resolution protocol (ARP) support
–
SMBus alert
–
Timeouts and idle condition detection
•
Power system management protocol (PMBus) specification rev 1.3 compatibility
STM32U385xx
Functional overview
DS14830 - Rev 2
page 44/224



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com