Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U385CG Datasheet(PDF) 9 Page - STMicroelectronics

Part # STM32U385CG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS, crypto
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U385CG Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STM32U385CG Datasheet HTML 5Page - STMicroelectronics STM32U385CG Datasheet HTML 6Page - STMicroelectronics STM32U385CG Datasheet HTML 7Page - STMicroelectronics STM32U385CG Datasheet HTML 8Page - STMicroelectronics STM32U385CG Datasheet HTML 9Page - STMicroelectronics STM32U385CG Datasheet HTML 10Page - STMicroelectronics STM32U385CG Datasheet HTML 11Page - STMicroelectronics STM32U385CG Datasheet HTML 12Page - STMicroelectronics STM32U385CG Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 224 page
background image
3
Functional overview
3.1
Arm®Cortex®-M33 core with TrustZone® and FPU
The Cortex®-M33 with TrustZone® and FPU is a highly energy-efficient processor designed for microcontrollers
and deeply embedded applications, especially those requiring efficient security.
The Cortex®-M33 processor delivers a high computational performance with low-power consumption and an
advanced response to interrupts. It features:
•
Arm® TrustZone® technology, using the Armv8_M main extension supporting secure and nonsecure states
•
MPUs (memory protection units), supporting up to 16 regions for secure and nonsecure applications
•
Configurable SAU (secure attribute unit) supporting up to eight memory regions as secure or nonsecure
•
Floating-point arithmetic functionality with support for single-precision arithmetic
The processor supports a set of DSP instructions that allows an efficient signal processing and a complex
algorithm execution.
The Cortex®-M33 processor supports the following bus interfaces:
•
System AHB bus:
The S-AHB (system AHB) bus interface is used for any instruction fetch and data access to the memory-
mapped SRAM, peripheral, external RAM and external device, or Vendor_SYS regions of the Armv8-M
memory map.
•
Code AHB bus:
The C-AHB (code AHB) bus interface is used for any instruction fetch and data access to the code region
of the Armv8-M memory map.
Figure 1 shows the general block diagram of the STM32U385xx devices.
3.2
Instruction cache (ICACHE)
The ICACHE is introduced on the C-AHB code bus of the Cortex®-M33 processor to improve performance when
fetching instruction (or data) from both internal and external memories.
ICACHE offers the following features:
•
Multibus interface:
–
Slave port receiving the memory requests from the Cortex®-M33 C-AHB code execution port
–
Master1 port performing refill requests to internal memories (Flash memory and SRAMs)
–
Master2 port performing refill requests to external memories (external flash memory and RAMs
through Octo-SPI interface)
–
Second slave port dedicated to ICACHE registers access
•
Close to zero wait-states instructions/data access performance:
–
0 wait-state on cache hit
–
Hit-under-miss capability, allowing to serve new processor requests while a line refill (due to a
previous cache miss) is still ongoing
–
Critical-word-first refill policy, minimizing processor stalls on cache miss
–
Hit ratio improved by two-ways set-associative architecture and pLRU-t replacement policy (pseudo-
least-recently-used, based on binary tree), algorithm with best complexity/performance balance
–
Dual master ports allowing to decouple internal and external memory traffics, on fast and slow buses,
respectively; also minimizing impact on interrupt latency
–
Optimal cache line refill thanks to AHB burst transactions (of the cache line size)
–
Performance monitoring by means of a hit counter and a miss counter
•
Extension of cacheable region beyond the code memory space, by means of address remapping logic that
allows four cacheable external regions to be defined
•
Power consumption reduced intrinsically (more accesses to cache memory rather to bigger main
memories); even improved by configuring ICACHE as direct mapped (rather than the default two-ways set-
associative mode)
•
TrustZone® security support
STM32U385xx
Functional overview
DS14830 - Rev 2
page 9/224



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com