Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U385CG Datasheet(PDF) 43 Page - STMicroelectronics

Part # STM32U385CG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS, crypto
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U385CG Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STM32U385CG Datasheet HTML 39Page - STMicroelectronics STM32U385CG Datasheet HTML 40Page - STMicroelectronics STM32U385CG Datasheet HTML 41Page - STMicroelectronics STM32U385CG Datasheet HTML 42Page - STMicroelectronics STM32U385CG Datasheet HTML 43Page - STMicroelectronics STM32U385CG Datasheet HTML 44Page - STMicroelectronics STM32U385CG Datasheet HTML 45Page - STMicroelectronics STM32U385CG Datasheet HTML 46Page - STMicroelectronics STM32U385CG Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 224 page
background image
•
Early wake-up interrupt (EWI) (if enabled and WWDG activated) when the down-counter is equal to 0x40
3.32.8
SysTick timer
The Cortex®-M33 with TrustZone® embeds two SysTick timers.
When TrustZone® is activated, two SysTick timers are available:
•
SysTick, secure instance
•
SysTick, nonsecure instance
When TrustZone® is disabled, only one SysTick timer is available. This timer (secure or nonsecure) is dedicated
to real-time operating systems, but can also be used as a standard down counter. It features:
•
A 24-bit down counter
•
Autoreload capability
•
Maskable system interrupt generation when the counter reaches 0
•
Programmable clock source
3.33
Real-time clock (RTC)
The RTC supports the following features:
•
Calendar with subsecond, seconds, minutes, hours (12 or 24 format), weekday, date, month, year, in BCD
(binary-coded decimal) format
•
Binary mode with 32-bit free-running counter
•
Automatic correction for 28, 29 (leap year), 30, and 31 days of the month
•
Two programmable alarms
•
On-the-fly correction from 1 to 32767 RTC clock pulses. This can be used to synchronize it with a master
clock
•
Reference clock detection: a more precise second source clock (50 or 60 Hz) can be used to enhance the
calendar precision
•
Digital calibration circuit with 0.95 ppm resolution, to compensate for quartz crystal inaccuracy
•
Timestamp feature that can be used to save the calendar content. This function can be triggered by an
event on the timestamp pin, or by a tamper event, or by a switch to VBAT mode
•
17-bit autoreload wake-up timer (WUT) for periodic events with programmable resolution and period
•
TrustZone® support:
–
RTC fully securable
–
Alarm A, alarm B, wake-up timer and timestamp individual secure or nonsecure configuration
–
Alarm A, alarm B, wake-up timer and timestamp individual privilege protection
The RTC is supplied through a switch that takes power either from the VDD supply when present or from the
VBAT pin.
The RTC clock sources can be one of the following:
•
32.768 kHz external crystal (LSE)
•
External resonator or oscillator (LSE)
•
Internal low-power RC oscillator (LSI, with typical frequency of 32 kHz)
•
High-speed external clock (HSE), divided by a prescaler in the RCC.
The RTC is functional in VBAT mode and in all low-power modes when it is clocked by the LSE.
All RTC events (alarm, wake-up timer, timestamp) can generate an interrupt and wake-up the device from the low-
power modes.
3.34
Tamper and backup registers (TAMP)
The antitamper detection circuit is used to protect sensitive data from external attacks. Thirty-two 32-bit backup
registers are retained in all low-power modes and also in VBAT mode. The backup registers, as well as other
secrets in the device, are protected by this antitamper detection circuit with five tamper pins and nine internal
tampers. The external tamper pins can be configured for edge detection, or level detection with or without filtering.
TAMP main features:
STM32U385xx
Functional overview
DS14830 - Rev 2
page 43/224



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com