Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U385CG Datasheet(PDF) 22 Page - STMicroelectronics

Part # STM32U385CG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS, crypto
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U385CG Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STM32U385CG Datasheet HTML 18Page - STMicroelectronics STM32U385CG Datasheet HTML 19Page - STMicroelectronics STM32U385CG Datasheet HTML 20Page - STMicroelectronics STM32U385CG Datasheet HTML 21Page - STMicroelectronics STM32U385CG Datasheet HTML 22Page - STMicroelectronics STM32U385CG Datasheet HTML 23Page - STMicroelectronics STM32U385CG Datasheet HTML 24Page - STMicroelectronics STM32U385CG Datasheet HTML 25Page - STMicroelectronics STM32U385CG Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 224 page
background image
Mode name
Entry
Wake-up source
Wake-up
system clock
Effect on clocks
Voltage regulators
Stop 3
LPMS = 011 + SLEEPDEEP bit
+ WFI or return
from ISR or WFE
WKUP pin edge,
RTC/TAMP events/
interrupts (1), external
reset in NRST pin,
IWDG events/
interrupts (1) or reset,
I3C reset pattern
HSI16 when
STOPWUCK = 1 in
RCC_CFGR1
MSIS with the
frequency before
entering the Stop
mode, limited to
48 MHz, when
STOPWUCK = 0
All clocks OFF
except LSI and
LSE
Low-power
regulator (SMPS or
LDO)
Standby with
SRAM2_
8 Kbytes
LPMS = 10x+
RRS1 = 1 + SLEEPDEEP bit +
WFI or return
from ISR or WFE
MSIS from 3 MHz
up to 12 MHz
Standby with
SRAM2_Full
LPMS = 10x+
RRS1 = RRS2 = RRS3 = 1+
SLEEPDEEP bit + WFI or
return
from ISR or WFE
Standby
LPMS = 10x +
RRS1 = RRS2 = RRS3 = 0 +
SLEEPDEEP bit + WFI or
return
from ISR or WFE
OFF
Shutdown
LPMS = 11x + SLEEPDEEP bit
+ WFI or return
from ISR or WFE
WKUP pin edge,
RTC/TAMP events/
interrupts (1), external
reset in NRST pin,
I3C reset pattern
MSIS 12 MHz
All clocks OFF
except LSE
OFF
1. A wake-up event from Stop mode can be generated with the peripheral interrupt signal.
By default, the microcontroller is in Run mode after a system or a power reset. It is up to the user to select one of
the low-power modes described below:
•
Sleep mode
CPU clock off, all peripherals including Cortex®-M33 core such as NVIC and SysTick can run and wake up
the CPU when an interrupt or an event occurs.
•
Stop 0, Stop 1, Stop 2, and Stop 3 modes
Stop mode achieves the lowest power consumption while retaining the content of SRAM and registers. The
SRAMs can be totally or partially switched off to further reduce consumption. All clocks in the core domain
are stopped. The MSI (MSIS and MSIK) RC, the HSI16 RC and the HSE crystal oscillators are disabled.
The LSE or LSI is still running.
The RTC can remain active (Stop mode with RTC, Stop mode without RTC).
Some peripherals are autonomous and can operate in Stop mode by requesting their kernel clock and their
bus (APB or AHB) when needed, in order to transfer data with GPDMA1 depending on peripherals and
power mode.
In Stop 0 mode, the regulator remains in main regulator mode, allowing a very fast wake-up time but with
much higher consumption.
In Stop 1, the regulator is in low-power mode, and the whole core domain is fully powered. All autonomous
peripherals are functional.
In Stop 2 mode, most of the core domain (D1 domain) is put in a lower leakage mode, keeping registers
retention, but without any possible functionality. The D2 domain, embedding APB3 peripherals, is kept fully
powered, so those peripherals can be kept functional.
Stop 3 is the lowest power mode with full retention, but the functional peripherals and sources of wake-up
are reduced to the same ones than in Standby mode.
The system clock when exiting from Stop mode can be either MSIS up to 48 MHz or HSI16, depending on
software configuration.
STM32U385xx
Functional overview
DS14830 - Rev 2
page 22/224



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com