Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U385CG Datasheet(PDF) 98 Page - STMicroelectronics

Part # STM32U385CG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS, crypto
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U385CG Datasheet(HTML) 98 Page - STMicroelectronics

Back Button STM32U385CG Datasheet HTML 94Page - STMicroelectronics STM32U385CG Datasheet HTML 95Page - STMicroelectronics STM32U385CG Datasheet HTML 96Page - STMicroelectronics STM32U385CG Datasheet HTML 97Page - STMicroelectronics STM32U385CG Datasheet HTML 98Page - STMicroelectronics STM32U385CG Datasheet HTML 99Page - STMicroelectronics STM32U385CG Datasheet HTML 100Page - STMicroelectronics STM32U385CG Datasheet HTML 101Page - STMicroelectronics STM32U385CG Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 224 page
background image
Symbol
Parameter
Conditions
Typ
Max at 1.71 V ≤ VDD ≤
3.6 V(1)
Unit
Voltage scaling
fHCLK
(MHz)
25°C
55°C
85°C 105°C 30°C 55°C 85°C 105°C
IDD
(Run)
Supply
current in
Run mode
fHCLK = fHSE bypass
mode, all peripherals
disable, flash memory
bank 2 in powered
down, all SRAMs
enabled
Range
2
0.1
mA
0.27
0.605
1.55
3
1.0
1.9
4.7
9
1. Evaluated by characterization. Not tested in production.
Table 32. Current consumption in Run mode on SMPS, Coremark code with data processing running from flash
memory, ICACHE ON in 1-way, prefetch ON
The current consumption from SRAM is similar.
Symbol
Parameter
Conditions
Typ at VDD = 1.8 V
Max at 1.71 V ≤ VDD ≤ 3.6 V(1)
(2)
Unit
Voltage scaling
fHCLK
(MHz)
25°C 55°C 85°C
105°C
30°C 55°C 85°C
105°C
IDD
(Run)
Supply
current in
Run mode
fHCLK = fMSI, all
peripherals disable,
flash memory bank 2 in
powered down, all
SRAMs enabled
Range 1
96
2.50
2.75
3.45
4.4
3.9
4.7
6.8
11
mA
Range 2
48
1
1.2
1.75
2.5
1.6
2.1
3.8
6.1
24
0.56
0.75
1.3
2.05
1.1
1.6
3.3
5.6
12
0.35
0.54
1.05
1.85
0.8
1.3
3.0
5.4
6
0.24
0.43
0.96
1.7
0.64
1.2
2.9
5.2
3
0.19
0.37
0.9
1.65
0.57
1.1
2.8
5.2
fHCLK = fHSI, all
peripherals disable,
flash memory bank 2 in
powered down, all
SRAMs enabled
Range 2
16
0.58
0.77
1.3
2.1
1.1
1.6
3.3
5.7
fHCLK = fHSE bypass
mode, all peripherals
disable, flash memory
bank 2 in powered
down, all SRAMs
enabled
Range 1
96
2.65
2.9
3.6
4.55
3.7
4.4
6.6
10
Range 2
48
1.05
1.25
1.8
2.55
1.6
2.1
3.8
6.2
32
0.76
0.94
1.45
2.25
1.3
1.8
3.4
5.9
24
0.6
0.78
1.3
2.1
1.1
1.6
3.3
5.7
12
0.37
0.55
1.1
1.85
0.78
1.3
3.0
5.4
6
0.25
0.44
0.97
1.75
0.65
1.2
2.9
5.3
3
0.19
0.38
0.91
1.7
0.58
1.1
2.8
5.2
1
0.16
0.34
0.87
1.65
0.54
1.1
2.8
5.2
0.4
0.14
0.33
0.86
1.6
0.52
1.1
2.7
5.1
0.1
0.14
0.32
0.85
1.6
0.52
1.1
2.7
5.1
1. Evaluated by characterization. Not tested in production.
2. The maximum value is at VDD = 1.71 V in Run mode on SMPS.
STM32U385xx
Electrical characteristics
DS14830 - Rev 2
page 98/224



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com