Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U385CG Datasheet(PDF) 40 Page - STMicroelectronics

Part # STM32U385CG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS, crypto
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U385CG Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STM32U385CG Datasheet HTML 36Page - STMicroelectronics STM32U385CG Datasheet HTML 37Page - STMicroelectronics STM32U385CG Datasheet HTML 38Page - STMicroelectronics STM32U385CG Datasheet HTML 39Page - STMicroelectronics STM32U385CG Datasheet HTML 40Page - STMicroelectronics STM32U385CG Datasheet HTML 41Page - STMicroelectronics STM32U385CG Datasheet HTML 42Page - STMicroelectronics STM32U385CG Datasheet HTML 43Page - STMicroelectronics STM32U385CG Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 224 page
background image
When manipulating secrets, the PKA incorporates a protection against side-channel attacks (SCA), including
differential power analysis (DPA), certified SESIP, and PSA security assurance level 3.
The PKA main features are:
•
Acceleration of RSA, DH, and ECC over GF(p) operations, based on the Montgomery method for fast
modular multiplications. More specifically:
–
RSA modular exponentiation, RSA Chinese remainder theorem (CRT) exponentiation
–
ECC scalar multiplication, point on curve check, complete addition, double base ladder, projective to
affine
–
ECDSA signature generation and verification
•
Capability to handle operands up to 4160 bits for RSA/DH and 640 bits for ECC.
•
When manipulating secrets: protection against side-channel attacks (SCA), including differential power
analysis (DPA), certified SESIP, and PSA security assurance level 3. Applicable to modular exponentiation,
ECC scalar multiplication, and ECDSA signature generation
•
Arithmetic and modular operations such as addition, subtraction, multiplication, modular reduction, modular
inversion, comparison, and Montgomery multiplication.
•
Built-in Montgomery domain inward and outward transformations.
•
AMBA® AHB slave peripheral, accessible through 32-bit word single accesses only (otherwise an AHB bus
error is generated, and write accesses are ignored).
•
Support for CCB chaining operations required to protect private key used in PKA protected operations
•
Hardware protections to monitor usage of private keys during protected operation initialization
3.32
Timers and watchdogs
The devices include an advanced control timer, up to six general-purpose timers, two basic timers, up to four low-
power timers, two watchdog timers and two SysTick timers.
The table below compares the features of the advanced control, general-purpose and basic timers.
Table 12. Timer feature comparison
Timer type
Timer
Counter
resolution
Counter
type
Prescaler factor
DMA request
generation
Capture/
compare
channels
Complementary
outputs
Advanced
control
TIM1
16 bits
Up, down,
Up/down
Any integer between 1
and 65536
Yes
6
4
General-
purpose
TIM2, TIM3,
TIM4
32 bits
Up, down,
Up/down
Any integer between 1
and 65536
Yes
4
No
General-
purpose
TIM15
16 bits
Up
Any integer between 1
and 65536
Yes
2
1
General-
purpose
TIM16,
TIM17
16 bits
Up
Any integer between 1
and 65536
Yes
1
1
Basic
TIM6, TIM7
16 bits
Up
Any integer between 1
and 65536
Yes
0
No
Low-power
LPTIM1,
LPTIM2,
LPTIM3,
LPTIM4
16 bits
Up
1, 2, 4, 8, 16, 32, 64, or
128
Yes
2(1)
No
1. LPTIM4 has no capture/compare channel.
3.32.1
Advanced-control timers (TIM1)
The advanced-control timers can each be seen as a three-phase PWM multiplexed on six channels. They have
complementary PWM outputs with programmable inserted deadtimes. They can also be seen as complete
general-purpose timers.
The four independent channels can be used for:
•
Input capture
STM32U385xx
Functional overview
DS14830 - Rev 2
page 40/224



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com