Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U385CG Datasheet(PDF) 114 Page - STMicroelectronics

Part # STM32U385CG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS, crypto
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U385CG Datasheet(HTML) 114 Page - STMicroelectronics

Back Button STM32U385CG Datasheet HTML 110Page - STMicroelectronics STM32U385CG Datasheet HTML 111Page - STMicroelectronics STM32U385CG Datasheet HTML 112Page - STMicroelectronics STM32U385CG Datasheet HTML 113Page - STMicroelectronics STM32U385CG Datasheet HTML 114Page - STMicroelectronics STM32U385CG Datasheet HTML 115Page - STMicroelectronics STM32U385CG Datasheet HTML 116Page - STMicroelectronics STM32U385CG Datasheet HTML 117Page - STMicroelectronics STM32U385CG Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 224 page
background image
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
VDD
25°C
55°C
85°C
105°C
30°C
55°C
85°C
105°C
IDD (Stop
3 with
RTC)
Supply current in Stop
3 mode, RTC(2) clocked
by LSI 250 Hz, 8 KB
SRAM2 + ICACHE
retained
1.8
2.35
7.6
24.5
52.5
8.5
23
74
160
µA
2.4
1.90
6.0
19.0
41.5
6.9
18
57
130
3
1.70
5.2
16.5
36
6.2
16
50
110
3.3
1.75
5.1
16.0
35.5
6.4
16
48
110
3.6
2.10
5.6
16.5
35.5
7.6
17
50
110
Supply current in Stop
3 mode, RTC(2) clocked
by LSE bypassed at
32768 Hz, 8 KB
SRAM2 + ICACHE
retained
1.8
2.45
7.7
24.5
53
8.9
23
74
160
2.4
2.00
6.1
19.5
42
7.3
19
59
130
3
1.85
5.3
16.5
36.5
6.7
16
50
110
3.3
1.95
5.3
16.5
35.5
7.1
16
50
110
3.6
2.30
5.8
16.5
35.5
8.3
18
50
110
Supply current in Stop
3 mode, RTC(2) clocked
by LSE quartz in low-
drive mode,
RCC_BDCR.
LSESYSEN = 0, 8 KB
SRAM2 + ICACHE
retained
1.8
2.55
7.7
24.5
52.5
-
-
-
-
2.4
2.10
6.1
19.5
42
-
-
-
-
3
1.90
5.4
16.5
36.5
-
-
-
-
3.3
1.95
5.4
16.5
35.5
-
-
-
-
3.6
2.35
5.8
16.5
35.5
-
-
-
-
Supply current in Stop
3 mode, RTC(2) clocked
by LSE quartz in low-
drive mode,
RCC_BDCR.
LSESYSEN = 1, 8 KB
SRAM2 + ICACHE
retained
1.8
2.60
7.8
24.5
52.5
-
-
-
-
2.4
2.20
6.2
19.5
42
-
-
-
-
3
2.00
5.5
17.0
36.5
-
-
-
-
3.3
2.10
5.5
16.5
35.5
-
-
-
-
3.6
2.45
5.9
17.0
35.5
-
-
-
-
1. Evaluated by characterization. Not tested in production.
2. RTC with default configuration but RTC_CALR.LPCAL=1
Table 59. SRAM static power consumption in Stop 3 when supplied by SMPS
Symbol
Parameter
Typ
Max (1)
Unit
25°C 55°C 85°C 105°C 30°C 55°C 85°C 105°C
IDD (SRAM1_16kB)(2)
SRAM1 16-Kbyte page x (x = 1, or 2)
static consumption (SRAM1PDSx = 1
vs. SRAM1PDSx = 0)
0.04 0.14 0.44
1.05
0.15 0.41 1.40
3.20
µA
IDD (SRAM1_32kB)(2)
SRAM1 32-Kbyte page x (x = 3, ..., 6,
or 7) static consumption (SRAM1PDSx
= 1 vs. SRAM1PDSx = 0)
0.08 0.25 0.90
2.05
0.30 0.75 2.70
6.20
IDD (SRAM2_32kB)(3)
SRAM2 32-Kbyte page 1 static
consumption (SRAM2PDS1 = 1 vs.
SRAM2PDS1 = 0)
0.10 0.32 1.15
2.55
0.35 0.96 3.50
7.70
IDD (SRAM2_24kB)(3)
SRAM2 24-Kbyte page 2 static
consumption (SRAM2PDS2 = 1 vs.
SRAM2PDS2 = 0)
0.07 0.23 0.85
1.95
0.24 0.69 2.60
5.90
IDD (SRAM2_8kB)(3)
SRAM2 8-Kbyte page 3 static
consumption (SRAM2PDS3 = 1 vs.
SRAM2PDS3 = 0)
0.02 0.10 0.32
0.72
0.09 0.29 0.95
2.20
IDD (ICRAM)
ICACHE SRAM static consumption
(ICRAMPDS = 1 vs. ICRAMPDS = 0)
0.03 0.11 0.35
0.76
0.12 0.33 1.10
2.30
STM32U385xx
Electrical characteristics
DS14830 - Rev 2
page 114/224



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com