Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U385CG Datasheet(PDF) 127 Page - STMicroelectronics

Part # STM32U385CG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS, crypto
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U385CG Datasheet(HTML) 127 Page - STMicroelectronics

Back Button STM32U385CG Datasheet HTML 123Page - STMicroelectronics STM32U385CG Datasheet HTML 124Page - STMicroelectronics STM32U385CG Datasheet HTML 125Page - STMicroelectronics STM32U385CG Datasheet HTML 126Page - STMicroelectronics STM32U385CG Datasheet HTML 127Page - STMicroelectronics STM32U385CG Datasheet HTML 128Page - STMicroelectronics STM32U385CG Datasheet HTML 129Page - STMicroelectronics STM32U385CG Datasheet HTML 130Page - STMicroelectronics STM32U385CG Datasheet HTML 131Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 224 page
background image
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
DuCyHSE
OSC_IN duty cycle
Digital mode (HSEYBYP = 1, HSEEXT = 1)
45
-
55
%
VHSE_ext_PP OSC_IN peak-to-peak amplitude
Analog mode (HSEBYP = 1, HSEEXT = 0)
0.2
-
2/3 VDD
V
VHSE_ext
OSC_IN input range
0
-
VDD
tr(HSE), tf(HSE) OSC_IN rise and fall time
0.05 /
fext_ext
-
0.3 / fext_ext
ns
Figure 28. AC timing diagram for high-speed external clock source (digital mode)
VHSEH
70%
30%
THSE
t
VHSEL
tw(HSEH)
tw(HSEL)
VHSE
Figure 29. AC timing diagram for high-speed external clock source (analog mode)
VHSE_ext
VHSE_ext_PP
t
tHSE_ext = 1/fHSE_ext
90%
10%
tf(HSE)
tr(HSE)
STM32U385xx
Electrical characteristics
DS14830 - Rev 2
page 127/224



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com