Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U385CG Datasheet(PDF) 136 Page - STMicroelectronics

Part # STM32U385CG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS, crypto
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U385CG Datasheet(HTML) 136 Page - STMicroelectronics

Back Button STM32U385CG Datasheet HTML 132Page - STMicroelectronics STM32U385CG Datasheet HTML 133Page - STMicroelectronics STM32U385CG Datasheet HTML 134Page - STMicroelectronics STM32U385CG Datasheet HTML 135Page - STMicroelectronics STM32U385CG Datasheet HTML 136Page - STMicroelectronics STM32U385CG Datasheet HTML 137Page - STMicroelectronics STM32U385CG Datasheet HTML 138Page - STMicroelectronics STM32U385CG Datasheet HTML 139Page - STMicroelectronics STM32U385CG Datasheet HTML 140Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 224 page
background image
Symbol
Parameter
Conditions
Min
Typ
Max Unit
ΔVDD(HSI48)(1) HSI48 oscillator frequency drift with VDD(4)
3.0 V ≤ VDD ≤ 3.6 V
%
-
0.025 0.05
1.58 V ≤ VDD ≤ 3.6 V
-
0.05
0.1
NT jitter(1)
Next transition jitter
Accumulated jitter on 28 cycles(5)
-
-
± 0.15
-
ns
PT jitter(1)
Paired transition jitter
Accumulated jitter on 56 cycles(5)
-
-
± 0.25
-
tsu(HSI48)(1)
HSI48 oscillator startup time
-
-
2.5
6
μs
IDD(HSI48)(1)
HSI48 oscillator power consumption
-
-
350
400
μA
1. Specified by design. Not tested in production.
2. Evaluated by characterization. Not tested in production.
3. ΔfHSI = ACCHSI48_REL + ΔVDD.
4. These values are obtained with one of the following formulas: (Freq(3.6 V) - Freq(3.0 V)) / Freq(3.0 V) or
(Freq(3.6 V) Freq(1.58 V)) / freq(1.58 V).
5. Jitter measurements are performed without the clock source activated in parallel.
Figure 35. HSI48 frequency versus temperature
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
-60
-40
-20
0
20
40
60
80
100
120
Temperature ( C)
Average
Min
Max
°
Low-speed internal (LSI) RC oscillator
Table 78. LSI oscillator characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fLSI
LSI frequency
VDD = 3.0 V, TJ = 30 °C, LSIPREDIV = 0
31.4
32.0
32.6
kHz
VDD = 3.0 V, TJ = 30 °C, LSIPREDIV = 1
0.245 0.25 0.255
1.71 V ≤ VDD ≤ 3.6, TJ = –40 to 110 °C LSIPREDIV = 0(1)
30.4
32.0
33.6
DuCy(LSI)
LSI duty cycle
LSIPREDIV = 1
-
50
-
%
tSU(LSI)(2)
LSI oscillator startup time
-
-
230
260
μs
tSTAB(LSI)(2) LSI oscillator stabilization time
5% of final frequency
-
230
260
IDD(LSI)(2)
LSI oscillator power consumption
LSIPREDIV = 0
-
140
255
nA
LSIPREDIV = 1
-
130
240
STM32U385xx
Electrical characteristics
DS14830 - Rev 2
page 136/224



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com