Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U385CG Datasheet(PDF) 143 Page - STMicroelectronics

Part # STM32U385CG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS, crypto
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U385CG Datasheet(HTML) 143 Page - STMicroelectronics

Back Button STM32U385CG Datasheet HTML 139Page - STMicroelectronics STM32U385CG Datasheet HTML 140Page - STMicroelectronics STM32U385CG Datasheet HTML 141Page - STMicroelectronics STM32U385CG Datasheet HTML 142Page - STMicroelectronics STM32U385CG Datasheet HTML 143Page - STMicroelectronics STM32U385CG Datasheet HTML 144Page - STMicroelectronics STM32U385CG Datasheet HTML 145Page - STMicroelectronics STM32U385CG Datasheet HTML 146Page - STMicroelectronics STM32U385CG Datasheet HTML 147Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 224 page
background image
Table 87. Output voltage characteristics (all I/Os except FT_o and PC13)
The I/O structure options listed in this table can be a concatenation of options including the option explicitly listed. For instance, TT_a refers to
any TT I/O with _a option. TT_xx refers to any TT I/O and FT_xx refers to any FT I/O.
The IIO current sourced or sunk by the device must always respect the absolute maximum rating specified in Table 25, and the sum of the
currents sourced or sunk by all the I/Os (I/O ports and control pins) must always respect the absolute maximum ratings ΣIIO.
Symbol
Parameter
Conditions
Min
Max Unit
VOL
Output low-level voltage
CMOS port(1), |IIO| = 8 mA, 2.7 V ≤ VDDIOx ≤ 3.6 V
-
0.4
V
VOH
Output high-level voltage
VDDIOx - 0.4
-
VOL(2)
Output low-level voltage
TTL port(1),|IIO| = 8 mA, 2.7 V ≤ VDDIOx ≤ 3.6 V
-
0.4
VOH(2)
Output high-level voltage
2.4
-
VOL(2)
Output low-level voltage
All I/Os, |IIO| = 20 mA, 2.7 V ≤ VDDIOx ≤ 3.6 V
-
1.3
VOH(2)
Output high-level voltage
VDDIOx - 1.3
-
VOL(2)
Output low-level voltage
|IIO| = 4 mA, 1.58 V ≤ VDDIOx ≤ 3.6 V
-
0.4
VOH(2)
Output high-level voltage
VDDIOx - 0.4
-
VOL(2)
Output low-level voltage
|IIO| = 1 mA, 1.08 V ≤ VDDIOx < 3.6 V
-
0.4
VOH(2)
Output high-level voltage
VDDIOx - 0.4
-
VOLFM+(2)
Output low-level voltage for a FT_f I/O pin in FM+
mode
|IIO| = 20 mA, 2.7 V ≤ VDDIOx ≤ 3.6 V
-
0.4
|IIO| = 10 mA, 1.58 V ≤ VDDIOx ≤ 3.6 V
-
0.4
|IIO| = 2 mA, 1.08 V ≤ VDDIOx < 3.6 V
-
0.4
1. TTL and CMOS outputs are compatible with JEDEC standards JESD36 and JESD52.
2. Specified by design. Not tested in production.
Table 88. Output voltage characteristics for FT_o and PC13 I/Os
Specified by design and not tested in production.
Symbol
Parameter
Conditions
Min
Max
Unit
VOL
Output low-level voltage
|IIO| = 0.5 mA, 2.7 V ≤ VSW ≤ 3.6 V,
-
0.4
V
VOH
Output high-level voltage
VSW - 0.4
-
VOL
Output low-level voltage
|IIO| = 0.25 mA, 1.58 V ≤ VSW ≤ 3.6 V
-
0.4
VOH
Output high-level voltage
VSW - 0.4
-
Output AC characteristics
The definition and values of output AC characteristics are given in Figure 37. Output AC characteristics definition
and in the table below respectively.
Unless otherwise specified, the parameters given are derived from tests performed under the ambient
temperature and supply voltage conditions summarized in Table 27.
STM32U385xx
Electrical characteristics
DS14830 - Rev 2
page 143/224



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com