Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U385CG Datasheet(PDF) 149 Page - STMicroelectronics

Part # STM32U385CG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS, crypto
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U385CG Datasheet(HTML) 149 Page - STMicroelectronics

Back Button STM32U385CG Datasheet HTML 145Page - STMicroelectronics STM32U385CG Datasheet HTML 146Page - STMicroelectronics STM32U385CG Datasheet HTML 147Page - STMicroelectronics STM32U385CG Datasheet HTML 148Page - STMicroelectronics STM32U385CG Datasheet HTML 149Page - STMicroelectronics STM32U385CG Datasheet HTML 150Page - STMicroelectronics STM32U385CG Datasheet HTML 151Page - STMicroelectronics STM32U385CG Datasheet HTML 152Page - STMicroelectronics STM32U385CG Datasheet HTML 153Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 224 page
background image
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
RAIN(2)
External input impedance
Tj = 110°C
Resolution = 6 bits
kΩ
-
-
47.0
CADC
Internal sample and hold capacitor
-
-
5
-
pF
tADCVREG_ STUP ADC LDO startup ready flag time
-
-
-
25
μs
tSTAB
ADC power-up time
LDO already started
(3 × 1/fADC) + 1 conversion Cycle
tOFF_CAL
Offset calibration time
-
123
1/fADC
tLATR
Trigger conversion latency
WAIT = 0, AUTOFF = 0, DPD = 0, fADC =
HCLK
3
ts
Sampling time
-
1.5
-
1499.5
tCONV
Total conversion time (including
sampling time)
Resolution = N bits
ts + N + 0.5
IDDA(ADC)
ADC consumption on VDDA
fs = 2.5 Msps
-
360
-
µA
fs = 1 Msps
-
180
-
fs = 10 ksps
-
10
-
AUTOFF = 1, DPD = 0, no conversion
-
9
-
AUTOFF = 1, DPD = 1, no conversion
-
0.1
-
IDDV(ADC)
ADC consumption on VREF+
fs = 2.5 Msps
-
18
-
fs = 1 Msps
-
10.2
-
fs = 10 ksps
-
0.12
-
AUTOFF = 1, DPD = 0, no conversion
-
0.01
-
AUTOFF = 1, DPD = 1, no conversion
-
0.01
-
1. Depending on the package, VREF+ can be internally connected to VDDA and VREF- can be internally connected to VSSA.
2. The maximum value of Rain is specified to keep leakage induced offset within the specified tolerance. The tolerance is 2 LSBs.
Table 96. Maximum RAIN for 12-bit ADC
BOOSTEN and ANASWVDD configured properly according to VDD and VDDA values.
The values are provided without an external capacitor.
Specified by design. Not tested in production.
Resolution(1)
RAIN max (Ω)(2)
Sampling time [ns]
Sampling cycle at 35
MHz
Sampling cycle at 55
MHz
12 bits
47
276
11.5
23.5
68
288
100
306
150
336
23.5
220
377
330
442
46.5
470
526
680
650
1000
840
46.5
1500
1134
246.5
2200
1643
246.5
3300
2395
4700
3342
STM32U385xx
Electrical characteristics
DS14830 - Rev 2
page 149/224



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com