Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U385CG Datasheet(PDF) 187 Page - STMicroelectronics

Part # STM32U385CG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS, crypto
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U385CG Datasheet(HTML) 187 Page - STMicroelectronics

Back Button STM32U385CG Datasheet HTML 183Page - STMicroelectronics STM32U385CG Datasheet HTML 184Page - STMicroelectronics STM32U385CG Datasheet HTML 185Page - STMicroelectronics STM32U385CG Datasheet HTML 186Page - STMicroelectronics STM32U385CG Datasheet HTML 187Page - STMicroelectronics STM32U385CG Datasheet HTML 188Page - STMicroelectronics STM32U385CG Datasheet HTML 189Page - STMicroelectronics STM32U385CG Datasheet HTML 190Page - STMicroelectronics STM32U385CG Datasheet HTML 191Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 224 page
background image
6.3
LQFP48 package information (5B)
This LQFP is a 48-pins, 7 x 7 mm, low-profile quad flat package.
Note:
See list of notes in the notes section.
Figure 69. LQFP48- Outline(15.)
SECTION A-A
GAUGE PLANE
B
B
H
L
S
R1
R2
SECTION B-B
b
b1
c
c1
WITH PLATING
BASE METAL
1
3
2
Package LQFP48 (package code 5B)
(6)
aaa C A-B D
4x N/4 TIPS
bbb H A-B D 4x
ddd
C A-B D
(12)
(13)
(N – 4)x e
ccc C
A
D 1/4
E 1/4
0.05
A1
A2
b
C
(3)
E1
D 1/4
(3)
(4)
A
1
2
3
(2) (5)
D1
D
D (3)
(4)
E
(Section A-A)
B
E 1/4
N
(10)
(5)
(2)
(6)
A
A
BOTTOM VIEW
TOP VIEW
(L1)
(2)
(11)
(9) (11)
(11)
(11)
(11)
(1)
STM32U385xx
Package information
DS14830 - Rev 2
page 187/224



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com