Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U385CG Datasheet(PDF) 192 Page - STMicroelectronics

Part # STM32U385CG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS, crypto
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U385CG Datasheet(HTML) 192 Page - STMicroelectronics

Back Button STM32U385CG Datasheet HTML 188Page - STMicroelectronics STM32U385CG Datasheet HTML 189Page - STMicroelectronics STM32U385CG Datasheet HTML 190Page - STMicroelectronics STM32U385CG Datasheet HTML 191Page - STMicroelectronics STM32U385CG Datasheet HTML 192Page - STMicroelectronics STM32U385CG Datasheet HTML 193Page - STMicroelectronics STM32U385CG Datasheet HTML 194Page - STMicroelectronics STM32U385CG Datasheet HTML 195Page - STMicroelectronics STM32U385CG Datasheet HTML 196Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 224 page
background image
6.5
WLCSP52 package information (B0JQ)
This WLCSP is a 52-ball, 3.17 x 3.11 mm, 0.4 mm pitch, wafer level chip scale package.
Figure 73. WLCSP52 - Outline
Seating plane(2)
A1 ball corner(3)
Seating plane(2)
Solder balls
Silicon
Backside coating
A3
A2
A1
C
FRONT VIEW
TOP VIEW
(marking side)
BOTTOM VIEW
(balls side)
A
C
DETAIL A
E1
(Datum A)
Øb (N balls)
Øddd M C A B
A
B
C
L
J
E
N
G
M
K
H
F
D
D1
1
8
3
6
2
7
4
5
SD
eD
(Datum B)
Detail A
D
B
E
A
(Datum A)
aaa
C
(4X)
(Datum B)
ccc
C
bbb
C
eS
eE
SE
1. Drawing is not to scale.
2. Datum C (seating plane) is defined by the plane established by the contact points of three or more solder balls
that support the device when it is placed on top of a planar surface.
3. The A1 corner is identified on the top surface of the package by using a marking or a physical feature. A
distinguish feature is allowable on the bottom surface of the package to identify the A1 corner. Exact shape of
each corner is optional.
STM32U385xx
Package information
DS14830 - Rev 2
page 192/224



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com