Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OTBA5LQD. Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # OTBA5LQD.
Description  OTB Series Optical Touch Button Product Manual
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

OTBA5LQD. Datasheet(HTML) 4 Page - Banner Engineering Corp.

  OTBA5LQD. Datasheet HTML 1Page - Banner Engineering Corp. OTBA5LQD. Datasheet HTML 2Page - Banner Engineering Corp. OTBA5LQD. Datasheet HTML 3Page - Banner Engineering Corp. OTBA5LQD. Datasheet HTML 4Page - Banner Engineering Corp. OTBA5LQD. Datasheet HTML 5Page - Banner Engineering Corp. OTBA5LQD. Datasheet HTML 6Page - Banner Engineering Corp. OTBA5LQD. Datasheet HTML 7Page - Banner Engineering Corp. OTBA5LQD. Datasheet HTML 8Page - Banner Engineering Corp. OTBA5LQD. Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
13-Nov-24
page 4 of 10
OTB Series Optical Touch Button Product Manual
© Banner Engineering Corp. All rights reserved.
•
•
•
Alternative
Preferred
Ø30.0 mm [1.19"]
Ø30.0 mm [1.19"]
WARNING:
Ensure the safety circuit integrity
The safety circuit integrity level is affected by the design and installation of the safety devices and the means
of interfacing with those devices.
Perform a risk assessment to determine the appropriate safety circuit integrity level or category to ensure the
expected risk reduction is achieved and all applicable regulations and standards are in compliance (see ANSI
B11.0 and ANSI B11.19, ISO 12100 and ISO13849-1 or the applicable standards).
Mounting Hole Information
The OPTO-TOUCH has a 30-millimeter threaded base that fits directly into a standard
mounting hole for an oil-tight push button. A lock ring, supplied with each OPTO-
TOUCH, can be used to prevent switch rotation.
The mounting hole details shown at the right are used for the OPTO-TOUCH and also
for standard oil-tight push buttons and their legend plates. The drawing at the far right
shows how to approximate the keyway using a drill hole.
Wiring Diagrams
4-Pin Models
NPN Models
PNP Models
4-pin Male 7-8 in-16UNF Connector
4-pin Male M12 Connector
10–30 V DC
–
+
bn
bu
wh
bk
Load
Load
10–30 V DC
–
+
bn
bu
wh
bk
Load
Load
4
3
1
2
1
4
3
2
5-Pin Models
AC and AC/DC Models
5-pin Male 7/8 in-16UNF
5-pin Male M12 Quick Disconnect
Connector
7/8 in-16UNF QD
bu
ye
wh
N.C.
C
N.O.
bn
bk
See Specifications
5-pin M12 QD
bu
gy
wh
N.C.
C
N.O.
bn
bk
See Specifications
1
2
4
3
5
1
4
5
3
2
Voltage Specifications
OTBA5 models: 105 V AC to 130 V AC
OTBB5 models: 210 V AC to 250 V AC
OTBVR81 models: 20 V AC/DC to 30 V AC/DC
NOTE: For OTBVR81 Models, the connection of DC power is without regard to polarity.
Specifications
Supply Voltage
Supply voltage varies, depending on the model ordered:
105 V AC to 130 V AC
210 V AC to 250 V AC (50/60Hz)
10 V DC to 30 V DC
20 V AC/DC to 30 V AC/DC (at 25 mA, exclusive of load)
Supply Protection Circuitry
Protected against reverse polarity and transient voltages
Brown
1.
White
2.
Blue
3.
Black
4.
Brown
1.
White
2.
Blue
3.
Black
4.
Black
1.
Blue
2.
Yellow
3.
Brown
4.
White
5.
Brown
1.
White
2.
Blue
3.
Black
4.
Gray
5.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com