Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OTBA5LQD. Datasheet(PDF) 5 Page - Banner Engineering Corp.

Part # OTBA5LQD.
Description  OTB Series Optical Touch Button Product Manual
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

OTBA5LQD. Datasheet(HTML) 5 Page - Banner Engineering Corp.

  OTBA5LQD. Datasheet HTML 1Page - Banner Engineering Corp. OTBA5LQD. Datasheet HTML 2Page - Banner Engineering Corp. OTBA5LQD. Datasheet HTML 3Page - Banner Engineering Corp. OTBA5LQD. Datasheet HTML 4Page - Banner Engineering Corp. OTBA5LQD. Datasheet HTML 5Page - Banner Engineering Corp. OTBA5LQD. Datasheet HTML 6Page - Banner Engineering Corp. OTBA5LQD. Datasheet HTML 7Page - Banner Engineering Corp. OTBA5LQD. Datasheet HTML 8Page - Banner Engineering Corp. OTBA5LQD. Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
OTB Series Optical Touch Button Product Manual
13-Nov-24
page 5 of 10
© Banner Engineering Corp. All rights reserved.
Output Protection
100 ms delay on power-up; outputs do not conduct at this time
Models with solid-state outputs are protected against false
pulse on power-up and continuous overload or short circuit of
outputs
Output Configuration:
AC and AC/DC models: All models have SPDT
electromechanical relay (one N.O. contact, one N.C. contact)
DC-only models:
OTBVN6 models have complementary NPN sinking
outputs
OTBVP6 models have complementary PNP sourcing
outputs
Indicator LEDs
Two indicator LEDs. One lights whenever power is applied;
the other lights whenever the switch is activated
Operating Temperature
–20 °C to +50 °C (–4 °F to +122 °F)
90% at +50 °C maximum relative humidity (non-condensing)
Environmental Considerations
Models with polysulfone housing): Prolonged exposure to
direct outdoor sunlight causes embrittlement of the
polysulfone housing. Window glass effectively filters longer
wavelength ultraviolet and provides excellent protection from
sunlight. Contact Banner Engineering regarding outdoor
applications.
Models with polycarbonate housing: Avoid prolonged
exposure to hot water and moist high-temperature
environments above 66 °C (150 °F). Avoid aromatic
hydrocarbons (such as xylene and toluene), halogenated
hydrocarbons, and strong alkalis. Clean periodically using
mild soap solution and a soft cloth. Avoid strong alkaline
materials.
Construction
Black polysulfone (or red polycarbonate) upper housing and
fiber-reinforced thermoplastic polyester base. Electronics fully
epoxy-encapsulated. Totally encapsulated, non-metallic
enclosure. Threaded base has M30 x 1.5 external threads and
1/2-in NPSM internal threads. Base requires a 1-3/16-in
diameter mounting hole (fits most standard automotive- size
jumbo legend plates and oiltight pushbutton holes).
Protective cover: Polypropylene copolymer
Ambient Light Immunity
120,000 lux (direct sunlight)
EMI/RFI Immunity
Highly resistant to both single and mixed EMI and RFI noise
sources
Response Time
100 ms ON/OFF
Cable
AC and AC/DC quick-disconnect (QD) models require a
MBCC-512 5-conductor cable, MQDC-4xx 4-conductor cable,
MQDC1-5xx 5-conductor cable, or MQDC-4xx 4-conductor
cable
DC-only quick-disconnect (QD) models require model
MBCC-412 4-conductor 7/8 in. 16UNF cable, MQDC-4xx 4-
conductor cable, or MQDC-4xx 4-conductor cable
Cables are purchased separately
Models with attached cable (non-QD models): 2 m (6 ft) PVC-
jacketed, 22 AWG 4- or 5-conductor cable
Output Rating:
AC and AC/DC models:
Maximum voltage is 250 V AC or 30 V DC
Maximum current is 7 amps (resistive load)
Minimum load is .05 watts (DC), .05VA (AC)
Mechanical life of relay is 50,000,000 operations
(minimum)
Electrical life of relay is 100,000 operations (minimum) at
full resistive load
Transient suppression recommended when switching
inductive loads
DC models:
150 mA maximum load (each output)
ON-state saturation voltage: less than 1 V at 10 mA; less
than 1.5 V at 150 mA
OFF-state leakage current: less than 1 µA
Environmental Rating
NEMA 1, 3, 4, 4X, 12, and 13; IP66
Certifications
Banner Engineering BV
Park Lane, Culliganlaan 2F bus 3
1831 Diegem, BELGIUM
2399833
E71083; E164886
Required Overcurrent Protection
WARNING: Electrical connections must
be made by qualified personnel in
accordance with local and national
electrical codes and regulations. 
Overcurrent protection is required to be provided by end
product application per the supplied table. 
Overcurrent protection may be provided with external fusing
or via Current Limiting, Class 2 Power Supply.
Supply wiring leads < 24 AWG shall not be spliced.
For additional product support, go
to www.bannerengineering.com. 
Supply
Wiring
(AWG)
Required Overcurrent
Protection (A)
Supply
Wiring
(AWG)
Required Overcurrent
Protection (A)
20
5.0
26
1.0
22
3.0
28
0.8
24
1.0
30
0.5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com