Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OTBA5LQD. Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # OTBA5LQD.
Description  OTB Series Optical Touch Button Product Manual
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

OTBA5LQD. Datasheet(HTML) 1 Page - Banner Engineering Corp.

  OTBA5LQD. Datasheet HTML 1Page - Banner Engineering Corp. OTBA5LQD. Datasheet HTML 2Page - Banner Engineering Corp. OTBA5LQD. Datasheet HTML 3Page - Banner Engineering Corp. OTBA5LQD. Datasheet HTML 4Page - Banner Engineering Corp. OTBA5LQD. Datasheet HTML 5Page - Banner Engineering Corp. OTBA5LQD. Datasheet HTML 6Page - Banner Engineering Corp. OTBA5LQD. Datasheet HTML 7Page - Banner Engineering Corp. OTBA5LQD. Datasheet HTML 8Page - Banner Engineering Corp. OTBA5LQD. Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Original Instructions
13-Nov-24
p/n: 28436 Rev. O
OTB Series Optical Touch Button Product
Manual
(1) 20 V DC to 30 V DC power may be applied without regard to polarity.
© Banner Engineering Corp. All rights reserved.
•
•
•
•
•
•
•
•
Features
Zero-force touch-activated photoelectric replacements for mechanical push buttons
Momentary-action touch buttons with SPDT electromechanical relay or solid-state outputs
Optimized for easy mounting with a 30 mm threaded base
Ergonomic design eliminates hand, wrist, and arm stress
Pre-installed field covers protect the device and prevent inadvertent activation
WARNING:
Do not use this device for personnel protection 
Using this device for personnel protection could result in serious injury or death.
This device does not include the self-checking redundant circuitry necessary to allow its
use in personnel safety applications. A device failure or malfunction can cause either an
energized (on) or de-energized (off) output condition.
Models
Models with a 6-foot cable and flying leads
Models with a Black Cover
Models with a Yellow Cover
Voltage
Output
OTBVN6
OTBVN6 W/Y
10 V DC to 30 V DC
Complementary NPN (sinking) outputs
OTBVP6
OTBVP6 W/Y
Complementary PNP (sourcing) outputs
OTBA5
120 V AC
SPDT electromechanical relay output
OTBVR81
OTBVR81 W/Y
20 V AC or DC to 30 V AC or DC(1)
Models with a Male 7/8 in-16UNF Quick Disconnect Connector
Models with a Black Cover
Models with a Yellow Cover
Voltage
Output
Pinout
OTBVN6QD
10 V DC to 30 V DC
Complementary NPN (sinking)
outputs
4-Pin
OTBVP6QD
OTBVP6QD W/Y
Complementary PNP (sourcing)
outputs
OTBA5QD
120 V AC
SPDT electromechanical relay
output
5-Pin
OTBVR81QD
OTBVR81QD W/Y
20 V AC or DC to 30 V AC or DC
(20 V DC to 30 V DC power may
be applied without regard to
polarity.)
Models with a Male M12 Quick Disconnect Connector
Models with a Black Cover
Models with a Yellow Cover
Voltage
Output
Pinout
OTBVP6QDH
OTBVP6QDH W/Y
10 V DC to 30 V DC
Complementary PNP (sourcing)
outputs
4-Pin
OTBVR81QDH
20 V AC or DC to 30 V AC or DC
(20 V DC to 30 V DC power may
be applied without regard to
polarity.)
SPDT electromechanical relay
output
5-Pin
Models with a quick disconnect require a mating cordset. See "Accessories" on page 7.
To order a model with polycarbonate upper housing (others are polysulfone), add the suffix "L" to the model number. For example,
OTBVN6L. Not all listed models are available with this option and minimum order quantities may apply. Contact Banner Engineering for
availability or more information.
Important... Read this before proceeding!
The user is responsible for satisfying all local, state, and national laws, rules, codes, and regulations relating to the use of this product and its
application. Banner Engineering Corp. has made every effort to provide complete application, installation, operation, and maintenance
instructions. Please contact a Banner Applications Engineer with any questions regarding this product.


Similar Part No. - OTBA5LQD.

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OTBA5LQD ETC2-OTBA5LQD Datasheet
389Kb / 6P
Momentary Action Optical Touch Buttons
logo
Banner Engineering Corp...
OTBA5LQD BANNER-OTBA5LQD Datasheet
388Kb / 6P
Momentary Action Optical Touch Buttons
Rev. H
More results

Similar Description - OTBA5LQD.

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDSDQAB-004G ETC2-SDSDQAB-004G Datasheet
768Kb / 27P
OEM Product Manual
logo
SHOUDING Shouding Semic...
SD8223L SHOUDING-SD8223L Datasheet
2Mb / 7P
Single button touch switch IC
SD8233B SHOUDING-SD8233B Datasheet
1Mb / 6P
Single button touch switch chip
logo
COREBAI Microelectronic...
CBM97D79TQ COREBAI-CBM97D79TQ Datasheet
1Mb / 15P
Product manual
CBM-DC2 COREBAI-CBM-DC2 Datasheet
3Mb / 45P
Product manual
logo
Banner Engineering Corp...
VTB BANNER-VTB Datasheet
440Kb / 7P
VTB Pick-to-Light Optical Touch Button
K50 BANNER-K50 Datasheet
991Kb / 7P
K50 Pro Touch Button
S22 BANNER-S22 Datasheet
886Kb / 8P
S22 Pro Touch Button
logo
Shenzhen Huazhimei Semi...
HM233LD HMSEMI-HM233LD Datasheet
1Mb / 9P
Single button touch switch IC
HM233LE HMSEMI-HM233LE Datasheet
1Mb / 7P
Single button touch switch IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com