Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OTBA5LQD. Datasheet(PDF) 8 Page - Banner Engineering Corp.

Part # OTBA5LQD.
Description  OTB Series Optical Touch Button Product Manual
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

OTBA5LQD. Datasheet(HTML) 8 Page - Banner Engineering Corp.

Back Button OTBA5LQD. Datasheet HTML 2Page - Banner Engineering Corp. OTBA5LQD. Datasheet HTML 3Page - Banner Engineering Corp. OTBA5LQD. Datasheet HTML 4Page - Banner Engineering Corp. OTBA5LQD. Datasheet HTML 5Page - Banner Engineering Corp. OTBA5LQD. Datasheet HTML 6Page - Banner Engineering Corp. OTBA5LQD. Datasheet HTML 7Page - Banner Engineering Corp. OTBA5LQD. Datasheet HTML 8Page - Banner Engineering Corp. OTBA5LQD. Datasheet HTML 9Page - Banner Engineering Corp. OTBA5LQD. Datasheet HTML 10Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
13-Nov-24
page 8 of 10
OTB Series Optical Touch Button Product Manual
© Banner Engineering Corp. All rights reserved.
4-Pin Single-Ended M12 Female Cordsets
Model 
Length 
Style 
Dimensions 
Pinout (Female) 
MQDC-403 
1 m (3.28 ft) 
Straight 
44 Typ.
ø 14.5
M12 x 1
7 mm
58 mm
Ø5.2 mm
2
3
4
1
5
 
1 = Brown 
2 = White 
3 = Blue 
4 = Black 
5 = Not used 
MQDC-406 
2 m (6.56 ft) 
MQDC-410 
3 m (9.8 ft) 
MQDC-415 
5 m (16.4 ft) 
MQDC-430 
9 m (29.5 ft) 
MQDC-450 
15 m (49.2 ft) 
MQDC-460 
18.3 m (60 ft) 
MQDC-470 
21 m (68.9 ft) 
MQDC-4100 
30 m (98.43 ft) 
5-Pin Single-Ended 7/8-in Female Cordsets
Model 
Length 
Style 
Dimensions 
Pinout (Female) 
MBCC-506 
1.83 m (6 ft) 
Straight 
7/8-16UN-2B
ø 25.5
52 Typ.
 
1
2
4
3
5
1 = Black 
2 = Blue 
3 = Yellow 
4 = Brown 
5 = White 
MBCC-512 
3.66 m (12 ft) 
MBCC-530 
9.14 m (30 ft) 
5-Pin Single-Ended M12 Female Cordsets
Model 
Length 
Style 
Dimensions 
Pinout (Female) 
MQDC1-501.5 
0.5 m (1.5 ft) 
Straight 
44 Typ.
ø 14.5
M12 x 1
 
2
3
4
1
5
1 = Brown 
2 = White 
3 = Blue 
4 = Black 
5 = Gray 
MQDC1-503 
0.9 m (2.9 ft) 
MQDC1-506 
2 m (6.5 ft) 
MQDC1-515 
5 m (16.4 ft) 
MQDC1-530 
9 m (29.5 ft) 
MQDC1-560 
18 m (59 ft) 
MQDC1-5100 
31 m (101.7 ft) 
Mounting Brackets
SMB30MM
12-gauge stainless steel bracket with curved mounting slots for versatile orientation
Clearance for M6 (¼ in) hardware
Mounting hole for 30 mm sensor
Hole center spacing: A = 51, A to B = 25.4
Hole size:  A = 42.6 × 7, B = ø 6.4, C = ø 30.1
70
57
A
B
C
57
SMBAMS30P
Flat SMBAMS series bracket
30 mm hole for mounting sensors
Articulation slots for 90°+ rotation
12-gauge 300 series stainless steel
Hole center spacing: A=26.0, A to B=13.0
Hole size: A=26.8 × 7.0, B=ø 6.5, C=ø 31.0
45
93
A
C
B



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com