Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OTBA5LQD. Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # OTBA5LQD.
Description  OTB Series Optical Touch Button Product Manual
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

OTBA5LQD. Datasheet(HTML) 2 Page - Banner Engineering Corp.

  OTBA5LQD. Datasheet HTML 1Page - Banner Engineering Corp. OTBA5LQD. Datasheet HTML 2Page - Banner Engineering Corp. OTBA5LQD. Datasheet HTML 3Page - Banner Engineering Corp. OTBA5LQD. Datasheet HTML 4Page - Banner Engineering Corp. OTBA5LQD. Datasheet HTML 5Page - Banner Engineering Corp. OTBA5LQD. Datasheet HTML 6Page - Banner Engineering Corp. OTBA5LQD. Datasheet HTML 7Page - Banner Engineering Corp. OTBA5LQD. Datasheet HTML 8Page - Banner Engineering Corp. OTBA5LQD. Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
13-Nov-24
page 2 of 10
OTB Series Optical Touch Button Product Manual
© Banner Engineering Corp. All rights reserved.
The user is responsible for making sure that all machine operators, maintenance personnel, electricians, and supervisors are thoroughly
familiar with and understand all instructions regarding the installation, maintenance, and use of this product, and with the machinery it
controls. The user and any personnel involved with the installation and use of this product must be thoroughly familiar with all applicable
standards, some of which are listed within the specifications. Banner Engineering Corp. makes no claim regarding a specific
recommendation of any organization, the accuracy or effectiveness of any information provided, or the appropriateness of the provided
information for a specific application.
EU Declaration of Conformity (DoC)
Banner Engineering Corp. herewith declares that these products are in conformity with the provisions of the listed directives and all essential
health and safety requirements have been met. For the complete DoC, please go to www.bannerengineering.com.
Product
Directive
OTB Series DC and AC Models
EU: EMC Directive 2014/30/EU, Low Voltage Directive 2014/35/EU
Representative in EU: Spiros Lachandidis, Managing Director, Banner Engineering BV Park Lane | Culliganlaan 2F bus 3 | 1831 Diegem, 
BELGIUM
Overview
Banner Optical Touch Buttons (OTB) are touch-activated photoelectric switches designed to replace capacitive touch switches and
mechanical push buttons. The OPTO-TOUCH's SPDT electromechanical relay or solid-state output (depending upon model) is activated
when a finger, introduced into the "touch area" (yoke) of the switch, interrupts the OPTO-TOUCH's infrared sensing beam.
Banner Optical Touch Buttons are ergonomically designed to eliminate the hand, wrist, and arm stresses associated with mechanical push
buttons. They require absolutely no physical pressure to operate. LED indicators light for "power on" and "output activated".
All models are highly resistant to EMI, RFI, and ambient light interference. OTBs have a black polysulfone (or red polycarbonate) upper
housing and fiber-reinforced thermoplastic polyester base. Polycarbonate models have the letter "L" in their model number suffix.
Environmental considerations for use of the two types differ (see Specifications). The 30 mm threaded base on all models provides easy
mounting, and Banner Optical Touch Buttons are easily retrofitted to existing machines.
Rugged polypropylene (TP) field covers are installed on all models to avoid inadvertent switch actuation due to objects (such as loose
clothing or debris) that might accidentally block the sensing beam and to protect the device. The polypropylene material is capable of
absorbing high impact (even at low temperatures) and is highly resistant to abrasion and to damage by most chemicals.
NOTE: A field cover is installed on this OPTO-TOUCH. If this cover is missing or has become lost or damaged, contact
Banner Engineering immediately for a replacement.
Installing the OTBs
Install the OPTO-TOUCH Optical Touch Buttons so the environment does not adversely affect the means of actuation. Severe contamination
of the touch area (yoke) of the switch or other environmental influences may cause slow response or false energized (on) conditions.
Mount the buttons to protect them from accidental or unintentional operation.
When installing the hand controls, consider ergonomic principles to avoid unnecessary fatigue. Install the touch buttons at a height and in a
location that will be comfortable for the user. See ANSI B11.TR1
Ergonomic Guidelines, and EN894 Safety of Machinery-Ergonomic
Requirements-Control Actuators for more information.
Mount the buttons a safe distance from moving machine parts, as determined by the appropriate standard (for example, ANSI B11.19, ISO
13851). It must not be possible for the operator or other non-qualified persons to relocate them. Failure to establish and maintain the required
distance may result in an increased risk of harm.
If OPTO-TOUCH Optical Touch Buttons are used to initiate machines or operations in which false operation of an Optical Touch Button could
be dangerous, point-of-operation safeguarding devices and/or related safety controls must be installed and maintained to meet all
appropriate OSHA regulations, ANSI B11 machine safety standards (for example, ANSI B11.19) or other relevant regulations.
CAUTION: Hand Controls—The environment in which hand controls are installed must not adversely affect the means 
of actuation. Severe contamination or other environmental influences may cause slow response or false energized (on)
conditions of mechanical or ergonomic buttons. This may result in exposure to a hazard.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com