Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OTBA5LQD. Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # OTBA5LQD.
Description  OTB Series Optical Touch Button Product Manual
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

OTBA5LQD. Datasheet(HTML) 3 Page - Banner Engineering Corp.

  OTBA5LQD. Datasheet HTML 1Page - Banner Engineering Corp. OTBA5LQD. Datasheet HTML 2Page - Banner Engineering Corp. OTBA5LQD. Datasheet HTML 3Page - Banner Engineering Corp. OTBA5LQD. Datasheet HTML 4Page - Banner Engineering Corp. OTBA5LQD. Datasheet HTML 5Page - Banner Engineering Corp. OTBA5LQD. Datasheet HTML 6Page - Banner Engineering Corp. OTBA5LQD. Datasheet HTML 7Page - Banner Engineering Corp. OTBA5LQD. Datasheet HTML 8Page - Banner Engineering Corp. OTBA5LQD. Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
OTB Series Optical Touch Button Product Manual
13-Nov-24
page 3 of 10
© Banner Engineering Corp. All rights reserved.
CAUTION:
Install hand controls to prevent accidental actuation
It is not possible to completely protect the two-hand control system from defeat.
OSHA regulations require the user to arrange and protect hand controls to minimize possibility of defeat or
accidental actuation. 
WARNING: Never use an OPTO-TOUCH Optical Touch Button as an actuator in an emergency stop (E-Stop) circuit. E-
Stop actuators must be purely mechanical devices that require no power to operate. OPTO-TOUCH Optical Touch
Buttons require power to operate and must not be used as E-Stop actuators under any circumstances.
Two-Hand Control
Two-Hand Control is an operator actuating control that initiates a machine cycle through the synchronous use of both buttons and concurrent
actuation during the hazardous portion of the machine cycle. Synchronous use is defined as the actuation of both buttons within 500 ms of
each other. If one or both buttons are released, an immediate stop command is issued to the machine control and the hazard ceases at any
point in the machine cycle.
Alternatively, Two-Hand Trip is similar, but typically initiates a full machine cycle and does not cause a stop or cessation of the hazard if either
or both the buttons are released. Two-Hand Trip is typically used on single-cycle or full-revolution machines.
In addition to the general installation requirements listed above, Two-Hand Control/Trip can be used for simple machine cycle actuation and
must comply with NFPA 79 and/or ISO 60204-1. If the Two-Hand Control/Trip is also used for safeguarding, additional requirements must be
complied with and are found in ANSI B11.19, ISO 13851 and other relevant regulations. In either case, the machine (safety) control must also
provide the appropriate level of safety performance (risk reduction) as determined by a risk assessment and the functions of anti-tiedown and
anti-repeat.
The level of the safety performance of a Two-Hand Control/Trip system depends on the actuating controls (buttons) and the circuity/logic
monitoring those actuating controls (THC modules, Safety Controllers, etc.). Typically, systems incorporating OPTO-TOUCH Optical Touch
Buttons are limited to Type IIIA or IIIB per ISO 13851. If a Type IIIC system is required, STB Self-Checking Optical Touch Buttons (datasheet
p/n 64136) and an appropriate Two-Hand Control logic module or Safety Controller (for example, AT-FM-10K, SC26/XS26, SC10) can
comply with the additional requirements.
Anti-tiedown requires the release of both buttons before a subsequent cycle can be re-initiated. This applies after a cycle has been
completed or if a stop has otherwise occurred. The anti-tiedown function must be designed to ignore false input signals. False signals include
(but are not limited to) voltage transients, contact bounce, and EMI or RFI noise. Two-Hand Control logic modules and Safety Controllers
with anti-tiedown are available, which include circuitry to minimize the possibility of false actuation.
Anti-repeat function causes a stop at the end of the machine cycle and requires release of all actuating controls (for example,, buttons)
before another cycle or stroke can be initiated. The anti-repeat function must be incorporated into the machine and/or the machine (safety)
control.
Other installation considerations include that the actuating controls (for example, buttons) must be arranged far enough apart so that the
operator cannot operate both actuating controls using one arm or hand. And, both actuating controls must be located far enough away from
the nearest hazard that the operator cannot reach the hazard with a hand or other body part before the hazardous motion or situation
ceases. Installation considerations, including the separation distance (safety distance) and calculations to determine this distance are found
in ANSI B11.19 or ISO 13851.
WARNING:
Mount hand controls at a safe distance from moving machine parts
Failure to establish and maintain the safety distance (minimum distance) could result in serious injury or death.
Mount hand controls as determined by the applicable standard. The operator or other non-qualified persons
must not be able to relocate the hand controls.
WARNING:
Use adequate point-of-operation guarding
Failure to properly guard hazardous machinery can result in a dangerous condition that could lead to serious
injury or death.
When properly installed, a two-hand control safety device provides protection only for the hands of the
machine operator. It might be necessary to install additional safeguarding, such as safety light curtains,
additional two-hand controls, and/or hard guards, to protect all individuals from hazardous machinery.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com