Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV-RADAR-MMIC Datasheet(PDF) 27 Page - Analog Devices

Part # EV-RADAR-MMIC
Description  Evaluation Board for the ADF5901, ADF5904, and ADF4159 Chipset for a 24 GHz FMCW Radar
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EV-RADAR-MMIC Datasheet(HTML) 27 Page - Analog Devices

Back Button EV-RADAR-MMIC Datasheet HTML 20Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 21Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 22Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 23Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 24Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 25Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 26Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 27Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
EV-RADAR-MMIC2 User Guide
UG-866
Rev. B | Page 27 of 28
ORDERING INFORMATION
BILL OF MATERIALS
Table 2. EV-RADAR-MMIC2 Board
Qty
Reference Designator
Description
Manufacturer
Part Number
4
C1, C2, C17, C19
1 nF capacitors
AVX
06035A102JAT2A
9
C4, C7, C10, C18, C24, C29, C61 to C63
1 nF capacitors
AVX
04023C102KAT2A
19
C5, C8, C11, C21, C26, C31, C43, C45, C47,
C49, C51, C53, C55, C57, C64 to C66, C68,
C70
10 pF capacitors
AVX
04023A100JAT2A
1
C12
220 pF capacitor
Multicomp
MCCA001042
1
C13
3.3 nF capacitor
Kemet
C0805C332J5GACTU
1
C14
100 pF capacitor
Multicomp
MCCA001040
9
C3, C6, C9, C15, C22, C27, C58 to C60
0.1 μF capacitors
AVX
06033C104JAT2A
1
C16
47 nF capacitor
Kemet
C0402C473K3RACTU
3
C20, C25, C30
Do not insert
Not applicable
Not applicable
1
C23
0.22 μF capacitor
Taiyo Yuden
JMK105B7224KV-F
1
C28
0.22 μF capacitor
AVX
06033C224KAT2A
8
C32 to C39
1 μF capacitors
AVX
08053C105KAZ2A
1
C40
22 μF capacitor
Murata
GRM21BE70G226ME51L
1
C41
10 pF capacitor
AVX
06035A100JAT2A
10
C42, C44, C46, C48, C50, C52, C54, C56,
C67, C69
100 nF capacitors
AVX
04023C104KAT2A
1
D1
Diode
Multicomp
1N4001
1
D2
Schottky diode
ON Semiconductor
MBR0520LT1G
1
E1
Ferrite bead
Wuerth Elektronik
7427-92642
2
J1, J7
SMA connectors
Emerson
142-0701-851
6
J2 to J4, J6, J8, J9
3.5 mm K type SMA connectors
Rosenberger
02K243-40M
1
J5
120-way connector
Hirose
FX8-120S-SV(21)
1
P1
High speed connector
Samtec
QTE-040-01-L-D-A-SD
1
P2
Black 4 mm banana socket
Deltron
571-0100
1
P3
Red 4 mm banana socket
Deltron
571-0500
34
R1 to R5, R7 to R15, R40, R45 to R51, R53
to R61, R66, R70, R72
0 Ω, resistors
Multicomp
MC 0.063W 0603 0R
10
R6, R16, R21, R42, R44, R63, R64, R69, R71,
R73
Do not insert
Not applicable
Not applicable
2
R17, R22
5.1 kΩ resistors
Multicomp
MC 0.063W 0603 5k1
1
R18
510 Ω resistor
Multicomp
MC 0.1W 0805 1% 510R
1
R19
1 kΩ resistor
Multicomp
MC 0.1W 0805 1% 1K
1
R20
0 Ω resistor
Multicomp
MC 0.1W 0805 0R
15
R23 to R34, R37 to R39
0 Ω resistors
Multicomp
MC 0.0625W 0402 1% 0R
2
R35, R36
100 kΩ resistors
Multicomp
MC 0.063W 0603 5%
100K
1
R41
10 kΩ resistor
Multicomp
MC 0.063W 0603 10K
1
R43
91 Ω resistor
Multicomp
MC 0.063W 0603 1% 91R
5
R52, R62, R65, R67, R68
10 kΩ resistors
Multicomp
MC 0.063W 0603 10K
29
TP3 to TP18, TP20 to TP22, TP24 to TP27,
TP29 to TP31, TP36 to TP38
Test points
Not applicable
Not applicable
2
TP1 to TP2
Black test points
Vero
20-2137
7
TP19, TP23, TP26, TP32 to TP35
Red test points
Vero
20-313137
4
U8 to U11
4-bit bus transceivers
Texas Instruments
SN74AVC4T245PW
1
U12
Dual bus transceiver
Texas Instruments
SN74AVC2T245RSWR
1
U13
IC-TTL single positive and gate
Texas Instruments
SN74LVC1G08DCKR
1
ADF5901
ADF5901, 24 GHz Tx
Analog Devices
ADF5901WCCPZ-U6
1
U1
ADF5904, 24 GHz Rx
Analog Devices
ADF5904WCCPZ-U4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com