Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV-RADAR-MMIC Datasheet(PDF) 17 Page - Analog Devices

Part # EV-RADAR-MMIC
Description  Evaluation Board for the ADF5901, ADF5904, and ADF4159 Chipset for a 24 GHz FMCW Radar
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EV-RADAR-MMIC Datasheet(HTML) 17 Page - Analog Devices

Back Button EV-RADAR-MMIC Datasheet HTML 13Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 14Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 15Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 16Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 17Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 18Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 19Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 20Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
EV-RADAR-MMIC2 User Guide
UG-866
Rev. B | Page 17 of 28
0
0
0
0
0
0
0
0
0
0
MBR0540T1G
ADP150AUJZ-3.3-R7
ADP7104
ADP7104
ADP150AUJZ-3.3-R7
TP35
TP34
TP33
TP32
R26
R30
U5
R32
R25
R29
R31
U4
R24
U7
R34
D2
R33
R23
U6
AVDD
DVDD_PLL
AVDD_PLL
AVDD_RX
AVDD_TX
VSUPPLY
1
1
1
1
5
1
42
3
5
1
4
2
3
1
8
2
7
PAD
4
6
3
5
A
C
1
8
2
7
PAD
4
6
3
5
AGND
AGND
AGND
AGND
OUT
OUT
OUT
OUT
IN
IN
GND
NC
VOUT
EN
VIN
GND
NC
VOUT
EN
VIN
SENSE
PAD
VIN
PG
GND
EN
NC
GND
VOUT
SENSE
PAD
VIN
PG
GND
EN
NC
GND
VOUT
Figure 14. Evaluation Board Schematic (Page 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com