Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV-RADAR-MMIC Datasheet(PDF) 12 Page - Analog Devices

Part # EV-RADAR-MMIC
Description  Evaluation Board for the ADF5901, ADF5904, and ADF4159 Chipset for a 24 GHz FMCW Radar
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EV-RADAR-MMIC Datasheet(HTML) 12 Page - Analog Devices

Back Button EV-RADAR-MMIC Datasheet HTML 8Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 9Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 10Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 11Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 12Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 13Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 14Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 15Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
UG-866
EV-RADAR-MMIC2 User Guide
Rev. B | Page 12 of 28
For another method to evaluate and test the performance of the
ADF5901, ADF5904, and ADF4159, use the following procedure:
1. Install the EV-RADAR-MMIC evaluation software.
2. Connect the EV-ADAR-D2S evaluation board to the
EV-RADAR-MMIC2 evaluation board.
3. Connect the SDP board to the EV-RADAR-MMIC2.
4. Connect the dc blocked TX_OUT2 (J9) connector to a
delay cable or antenna.
5. Connect a delay cable or antenna to RX4_RFIN (J6)
connector.
6. Run the EV-RADAR-MMIC software.
7. Select the SDP board and the EV-RADAR-MMIC2
(ADF5901, ADF5904, and ADF4159) device in the Select
Device and Connection tab of the software window.
8. The software is set with default conditions for the
following setup:
a. Lock the ADF4159 to 12.0125 GHz (24.025 GHz on
ADF5901).
b. Calibrate the ADF5901 to 24.125 GHz.
c. Generate a 5 ms, 200 MHz triangular ramp (24.025 GHz
to 24.225 GHz).
9. In the ADF5904 Controls tab, click Initialize to power up
the ADF5904.
10. In the ADF4159 Controls tab under the Main Controls
section, click Write All Registers to power up the ADF4159.
11. In the ADF5901 Controls tab, click Initialize ADF5901 to
power up and calibrate the ADF5901. See Figure 8 and
Figure 9 for the typical setups.
12. In the ADF4159 Ramps and Shift Keying tab, enable the
ramp and click Write R0 to enable the ramping of the
ADF5901 Tx outputs.
13. Measure the baseband output signal on the O5 connector on
the EV-ADAR-D2S board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com