Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV-RADAR-MMIC Datasheet(PDF) 4 Page - Analog Devices

Part # EV-RADAR-MMIC
Description  Evaluation Board for the ADF5901, ADF5904, and ADF4159 Chipset for a 24 GHz FMCW Radar
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EV-RADAR-MMIC Datasheet(HTML) 4 Page - Analog Devices

  EV-RADAR-MMIC Datasheet HTML 1Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 2Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 3Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 4Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 5Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 6Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 7Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 8Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
UG-866
EV-RADAR-MMIC2 User Guide
Rev. B | Page 4 of 28
QUICK START GUIDE
Follow these steps to evaluate the ADF5901, ADF5904, and
ADF4159 devices:
1. Connect the power supply to the EV-RADAR-MMIC2.
a. Supply 5 V to the VSUPPLY (P3) banana connector.
b. Connect GND to the GND (P2) banana connector.
2. Connect the power supplies to the EV-ADAR-D2S.
a. Supply 9 V to the VPOS SMA connector.
b. Supply −9 V to the VNEG SMA connector.
3. Connect the EV-ADAR-D2S board to the EV-RADAR-
MMIC2 evaluation board.
4. Install the EV-RADAR-MMIC software.
5. Connect the SDP motherboard to the PC and to the EV-
RADAR-MMIC2.
6. Follow the hardware driver installation procedure that
displays after the SDP motherboard connects to the PC.
7. Connect an antenna or a delay cable to the Tx (J9) and Rx (J6)
connectors (see Figure 8 and Figure 9).
8. Run the EV-RADAR-MMIC software.
9. Select the EV-RADAR-MMIC2 (the ADF5901, ADF5904,
and ADF4159 devices) and the SDP board in the Select
Device and Connection tab.
10. Check that SDP board connected appears on the status bar.
11. Click the ADF5904 Controls tab and then click Initialize.
12. Click the ADF4159 Controls tab and then click Write All
Registers.
13. Click the ADF5901 Controls tab and then click Initialize
ADF5901.
14. Click the Ramps and Shift Keying tab under the ADF4159
Controls tab to enable the ramp and then click Write R0.
15. Measure the output baseband signals on the EV-ADAR-
D2S board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com