Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV-RADAR-MMIC Datasheet(PDF) 21 Page - Analog Devices

Part # EV-RADAR-MMIC
Description  Evaluation Board for the ADF5901, ADF5904, and ADF4159 Chipset for a 24 GHz FMCW Radar
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EV-RADAR-MMIC Datasheet(HTML) 21 Page - Analog Devices

Back Button EV-RADAR-MMIC Datasheet HTML 17Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 18Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 19Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 20Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 21Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 22Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 23Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 24Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
EV-RADAR-MMIC2 User Guide
UG-866
Rev. B | Page 21 of 28
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
J1-A
QSE-040-01-X-D-A
GND
GND
GND
GND
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
87
88
J1-B
QSE-040-01-X-D-A
RX1_IB
RX1_I
RX1_QB
RX1_Q
RX2_IB
RX2_I
RX2_QB
RX2_Q
RX3_IB
RX3_I
RX3_QB
RX3_Q
RX4_IB
RX4_I
RX4_QB
RX4_Q
Figure 24. EV-ADAR-D2S Schematic (Page 1)
RF
RG
RF
RG
Gain 1 AD8130 RF = 0 RG = NC
Gain 10 AD8129 RF = 560 RG = 62
C2
1uF
O1
R2
0r
C20
10pF
C1
1uF
C65
1uF
C22
1uF
C17
1uF
C19
10pF
C21
100pF
C18
100pF
C4
1uF
O2
R6
0r
C26
10pF
C3
1uF
C66
1uF
C28
1uF
C23
1uF
C25
10pF
C27
100pF
C24
100pF
TP2
TP1
TP4
TP3
R3
0r
R4
0r
VPOS
VNEG
1
+
2
3
4
5
6
OP
7
8
-
U1
AD8130ARZ
1
+
2
3
4
5
6
OP
7
8
-
U2
AD8130ARZ
VPOS1
VNEG1
VPOS1
VNEG1
VPOS
VPOS1
VNEG
VNEG1
RX1_I
RX1_IB
RX1_Q
RX1_QB
Figure 25. EV-ADAR-D2S Schematic (Page 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com