Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV-RADAR-MMIC Datasheet(PDF) 18 Page - Analog Devices

Part # EV-RADAR-MMIC
Description  Evaluation Board for the ADF5901, ADF5904, and ADF4159 Chipset for a 24 GHz FMCW Radar
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EV-RADAR-MMIC Datasheet(HTML) 18 Page - Analog Devices

Back Button EV-RADAR-MMIC Datasheet HTML 14Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 15Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 16Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 17Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 18Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 19Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 20Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 21Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
UG-866
EV-RADAR-MMIC2 User Guide
Rev. B | Page 18 of 28
EEPROM
0
0
0
24LC32A-I/MS
FX8-120S-SV(21)
FX8-120S-SV(21)
R37
R39
R38
U3
VIO_B
SCL_B
SDA_B
VIO
7
4
8
5
6
3
2
1
AGND
AGND
AGND
OUT
OUT
OUT
VSS
VCC
WP
A2
A1
A0
SCL
SDA
Figure 15. Evaluation Board Schematic (Page 6)
0
TBD0603
91
CWX823-100.0MHZ
TP36
R45
R44
R43
Y1
REFIN
MCLK
REF
1
4
3
2
1
OUT
AGND
AGND
IO
IN
IN
E/D
GND
VDD
OUT
Figure 16. Evaluation Board Schematic (Page 7)
3.3V
1.8V
3.3V
1.8V
3.3V
3.3V
3.3V
3.3V
3.3V
3.3V
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
SN74LVC1G08DCKR
10PF
100NF
10PF
10PF
100NF
100NF
100NF
10PF
10PF
10PF
10PF
100NF
10PF
10PF
100NF
10PF
100NF
100NF
100NF
100NF
SN74AVC2T245RSWR
R66
R69
R72
R70
U13
R71
C68
C67
C70
C69
U12
R61
R60
R56
R58
R55
R53
R54
R59
R57
R51
R50
R49
R48
R47
R46
C45
C44
C49
C48
C53
C52
C57
C56
C51
C50
C55
C54
C47
C46
C42
C43
GPIO7
GPIO5
GPIO2
TMR_B
GPIO3
GPIO4
GPIO6
GPIO1
GPIO0
SPI_MOSI
SPI_CLK
SPI_MISO
DOUT
DOUT_SELB
VDD_3P3
LE_TX
LE_RX
LE_TX
LE_RX
VDD_3P3
VDD_3P3
DOUT_SELB
TX_MUX
VDD_1P8
VDD_3P3
VDD_3P3
PLL_MUX
VDD_3P3
VDD_3P3
VDD_3P3
DATA
CLK
LE_PLL
DATA_PLL
CLK_PLL
CE_TX
CE_RX
DATA
CLK
VDD_1P8
VDD_3P3
VDD_3P3
VDD_1P8
VDD_3P3
VDD_3P3
VDD_3P3
VDD_3P3
VDD_3P3
TX_DATA
CE_PLL
VDD_3P3
4
5
3
2
1
6
7
2
3
1
10
4
5
9
8
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
BUF_LS
2A1
1A2
1A1
1DIR
2B2
2B1
1B2
1B1
1OEB
2OEB
2DIR
2A2
GND
BUF_LS
2A1
1A2
1A1
1DIR
2B2
2B1
1B2
1B1
1OEB
2OEB
2DIR
2A2
GND
BUF_LS
2A1
1A2
1A1
1DIR
2B2
2B1
1B2
1B1
1OEB
2OEB
2DIR
2A2
GND
AGND
AGND
B
VCC
A
GND
Y
AGND
AGND
AGND
VCCB
VCCA
B2
B1
GND
DIR2
A2
A1
DIR1
OE_N
BUF_LS
2A1
1A2
1A1
1DIR
2B2
2B1
1B2
1B1
1OEB
2OEB
2DIR
2A2
GND
IO
IO
OUT
IN
OUT
IN
OUT
IN
OUT
OUT
OUT
OUT
OUT
OUT
IN
IN
IN
IN
IN
IN
IN
IN
IN
IN
OUT
OUT
OUT
OUT
Figure 17. Evaluation Board Schematic (Page 8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com