Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN2483 Datasheet(PDF) 4 Page - Microchip Technology

Part # RN2483
Description  Low-Power Long Range LoRa® Technology Transceiver Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN2483 Datasheet(HTML) 4 Page - Microchip Technology

  RN2483 Datasheet HTML 1Page - Microchip Technology RN2483 Datasheet HTML 2Page - Microchip Technology RN2483 Datasheet HTML 3Page - Microchip Technology RN2483 Datasheet HTML 4Page - Microchip Technology RN2483 Datasheet HTML 5Page - Microchip Technology RN2483 Datasheet HTML 6Page - Microchip Technology RN2483 Datasheet HTML 7Page - Microchip Technology RN2483 Datasheet HTML 8Page - Microchip Technology RN2483 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
RN2483
DS50002346D-page 4
 2015-2019 Microchip Technology Inc.
Table 1-1 describes the RN2483 pins.
TABLE 1-1:
PIN DESCRIPTION
Pin
Name
Type
Description
1
GND
Power
Ground supply terminal
2
UART_RTS
Output
Communication UART RTS signal(1), or GPIO
3
UART_CTS
Input
Communication UART CTS signal(1), or GPIO
4
RESERVED
—
Do not connect
5
RESERVED
—
Do not connect
6
UART_TX
Output
Communication UART Transmit (TX)
7
UART_RX
Input
Communication UART Receive (RX)
8
GND
Power
Ground supply terminal
9
GPIO13
Input/Output
General purpose I/O pin or analog input
10
GPIO12
Input/Output
General purpose I/O pin or analog input
11
GND
Power
Ground supply terminal
12
VDD
Power
Positive supply terminal
13
GPIO11
Input/Output
General purpose I/O pin or analog input
14
GPIO10
Input/Output
General purpose I/O pin or analog input
15
NC
—
Not connected
16
NC
—
Not connected
17
NC
—
Not connected
18
NC
—
Not connected
19
NC
—
Not connected
20
GND
Power
Ground supply terminal
21
GND
Power
Ground supply terminal
22
GND
Power
Ground supply terminal
23
RFH
RF analog
RF signal pin for high band
24
GND
Power
Ground supply terminal
25
RFL
RF analog
RF signal pin for low band
26
GND
Power
Ground supply terminal
27
GND
Power
Ground supply terminal
28
GND
Power
Ground supply terminal
29
NC
—
Not connected
30
PGC_INT
Input/Output
Internal MCU ICSP program clock or general
purpose I/O pin(2)
31
PGD_INT
Input/Output
Internal MCU ICSP program data or general purpose
I/O pin (2)
32
RESET
Input
Active-low device Reset input
33
GND
Power
Ground supply terminal
34
VDD
Power
Positive supply terminal
35
GPIO0
Input/Output
General purpose I/O pin or analog input
36
GPIO1
Input/Output
General purpose I/O pin or analog input
37
GPIO2
Input/Output
General purpose I/O pin or analog input
38
GPIO3
Input/Output
General purpose I/O pin or analog input
39
GPIO4
Input/Output
General purpose I/O pin
40
GPIO5
Input/Output
General purpose I/O pin or analog input
41
GND
Power
Ground supply terminal
42
NC
—
Not connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com