Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN2483 Datasheet(PDF) 12 Page - Microchip Technology

Part # RN2483
Description  Low-Power Long Range LoRa® Technology Transceiver Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN2483 Datasheet(HTML) 12 Page - Microchip Technology

Back Button RN2483 Datasheet HTML 8Page - Microchip Technology RN2483 Datasheet HTML 9Page - Microchip Technology RN2483 Datasheet HTML 10Page - Microchip Technology RN2483 Datasheet HTML 11Page - Microchip Technology RN2483 Datasheet HTML 12Page - Microchip Technology RN2483 Datasheet HTML 13Page - Microchip Technology RN2483 Datasheet HTML 14Page - Microchip Technology RN2483 Datasheet HTML 15Page - Microchip Technology RN2483 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
RN2483
DS50002346D-page 12
 2015-2019 Microchip Technology Inc.
5.0
APPLICATION INFORMATION
5.1
RF Trace Layout Design
The RN2483 modular transmitter is certified with a PCB
edge SMA connector and micro-strip trace layout as
shown in Figure 5-1 and Figure 5-2. The two RF paths
are axisymmetric with the same linear dimensions.
Gerber files are available on the RN2483 product web
page at www.microchip.com/RN2483.
FIGURE 5-1:
RF TRACE ROUTING (TOP LAYER)
FIGURE 5-2:
RF TRACE ROUTING (BOTTOM LAYER)
Dimensions are in millimeters
Trace Dimensions:
Trace width: 0.75
Trace gap: 0.15
Finished Copper Weight: 1 ounce
PCB Details:
Two layer, plated through hole
FR4
Thickness: 1.55 mm
Via stitching with 0.25 mm plated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com