Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN2483 Datasheet(PDF) 6 Page - Microchip Technology

Part # RN2483
Description  Low-Power Long Range LoRa® Technology Transceiver Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN2483 Datasheet(HTML) 6 Page - Microchip Technology

Back Button RN2483 Datasheet HTML 2Page - Microchip Technology RN2483 Datasheet HTML 3Page - Microchip Technology RN2483 Datasheet HTML 4Page - Microchip Technology RN2483 Datasheet HTML 5Page - Microchip Technology RN2483 Datasheet HTML 6Page - Microchip Technology RN2483 Datasheet HTML 7Page - Microchip Technology RN2483 Datasheet HTML 8Page - Microchip Technology RN2483 Datasheet HTML 9Page - Microchip Technology RN2483 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
RN2483
DS50002346D-page 6
 2015-2019 Microchip Technology Inc.
2.0
GENERAL SPECIFICATIONS
Table 2-1 provides the general specifications for the
module. Table 2-2, Table 2-3, and Table 2-4 provide
the electrical characteristics, current consumption, and
dimensions of the module, respectively. Table 2-5
shows the RF output power calibration data. Table 2-6
shows the RF output power at different supply voltages
and temperatures.
TABLE 2-2:
ELECTRICAL CHARACTERISTICS
TABLE 2-1:
GENERAL SPECIFICATIONS
Specification
Description
Frequency Band
863.000 MHz to 870.000 MHz; 433.050 MHz to 434.790 MHz
Modulation Method
FSK, GFSK, and LoRa® Technology modulation
Maximum Over-the-Air Data Rate
300 kbps with FSK modulation; 10937 bps with LoRa Technology modulation
RF Connection
Board edge connection
Interface
UART
Operation Range
Up to 15 km coverage at suburban; up to 5 km coverage at urban area
Sensitivity at 1% PER
-146 dBm(1)
RF TX Power
Adjustable up to max. 10 dBm on 433 MHz band (limited to meet regulations);
max. 14 dBm on the 868 MHz band(2)
Temperature (operating)
-40°C to +85°C
Temperature (storage)
-40°C to +115°C
Humidity
10% ~ 90% non-condensing
Note 1: Dependent on modulation settings, Receiver Bandwidth (RBW), and Spreading Factor (SF).
2: TX power is adjustable. For more information, refer to the “RN2483 LoRa® Technology Module Command
Reference User’s Guide” (DS40001784).
Parameter
Min.
Typ.
Max.
Units
Supply Voltage
2.1
—
3.6
V
Voltage on any pin with respect to VSS (except VDD) and RESET
-0.3
—
VDD + 0.3
V
Voltage on VDD with respect to VSS
-0.3
—
3.9
V
Voltage on RESET with respect to VSS
0
—
+11
V
Input Clamp Current (IIK) (VI < 0 or VI > VDD)
—
—
+/-20
mA
Output Clamp Current (IOK) (VO < 0 or VO > VDD)
—
—
+/-20
mA
GPIO sink/source current each
—
—
25/25
mA
Total GPIO sink/source current
—
—
200/185
mA
RAM Data Retention Voltage (in Sleep mode or Reset state)
1.5
—
—
V
VDD Start Voltage to ensure internal Power-on Reset signal
—
—
0.7
V
VDD Rise Rate to ensure internal Power-on Reset signal
0.05
—
—
V/ms
Brown-out Reset Voltage
1.75
1.9
2.05
V
Logic Input Low Voltage
—
—
0.15 x VDD
V
Logic Input High Voltage
0.8 x VDD
—
—
V
Input Leakage at <25°C
(VSS<VPIN<VDD, Pin at high-impedance)
—0.1
50
nA
Input Leakage at +60°C
(VSS<VPIN<VDD, Pin at high-impedance)
—0.7
100
nA
Input Leakage at +85°C
(VSS<VPIN<VDD, Pin at high-impedance)
—4
200
nA
RF Input Level
—
—
+10
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com