Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN2483 Datasheet(PDF) 8 Page - Microchip Technology

Part # RN2483
Description  Low-Power Long Range LoRa® Technology Transceiver Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN2483 Datasheet(HTML) 8 Page - Microchip Technology

Back Button RN2483 Datasheet HTML 4Page - Microchip Technology RN2483 Datasheet HTML 5Page - Microchip Technology RN2483 Datasheet HTML 6Page - Microchip Technology RN2483 Datasheet HTML 7Page - Microchip Technology RN2483 Datasheet HTML 8Page - Microchip Technology RN2483 Datasheet HTML 9Page - Microchip Technology RN2483 Datasheet HTML 10Page - Microchip Technology RN2483 Datasheet HTML 11Page - Microchip Technology RN2483 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
RN2483
DS50002346D-page 8
 2015-2019 Microchip Technology Inc.
TABLE 2-6:
OUTPUT POWER OF SUPPLY VOLTAGE AND TEMPERATURE
433 MHz
-3
-3.5
14.7
-2
-2.3
15.1
-1
-1.3
15.6
0-2.3
15.8
1-1.2
16.4
2-0.1
17.0
3
1.0
17.7
4
2.1
18.5
5
3.2
19.4
6
4.3
20.3
7
5.4
21.4
8
6.5
22.3
9
7.6
23.3
10
8.8
24.5
11
9.9
25.8
12
10.9
27.3
13
11.9
28.8
14
12.9
30.7
15
13.6
32.9
Temperature
(°C)
Typical Output Power at 868 MHz (dBm)
VDD = 2.1V
VDD = 3.3V
VDD = 3.6V
-40
10.5
13.8
13.7
25
10.0
14.1
14.6
85
9.1
13.4
13.7
TABLE 2-7:
OUTPUT POWER OF SUPPLY VOLTAGE AND TEMPERATURE
Temperature
(°C)
Typical Output Power at 434 MHz (dBm)
VDD = 2.1V
VDD = 3.3V
VDD = 3.6V
-40
10.1
13.2
13.2
25
9.7
13.6
14.2
85
9.3
13.0
13.4
TABLE 2-5:
OUTPUT POWER OF TX POWER SETTING (CONTINUED)
Band
TX Power Setting
Output Power (dBm)
Typical Supply Current at
3.3V (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com