Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN2483 Datasheet(PDF) 10 Page - Microchip Technology

Part # RN2483
Description  Low-Power Long Range LoRa® Technology Transceiver Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN2483 Datasheet(HTML) 10 Page - Microchip Technology

Back Button RN2483 Datasheet HTML 6Page - Microchip Technology RN2483 Datasheet HTML 7Page - Microchip Technology RN2483 Datasheet HTML 8Page - Microchip Technology RN2483 Datasheet HTML 9Page - Microchip Technology RN2483 Datasheet HTML 10Page - Microchip Technology RN2483 Datasheet HTML 11Page - Microchip Technology RN2483 Datasheet HTML 12Page - Microchip Technology RN2483 Datasheet HTML 13Page - Microchip Technology RN2483 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
RN2483
DS50002346D-page 10
 2015-2019 Microchip Technology Inc.
3.4
RESET Pin
The RESET pin of the module is an active-low logic
input. An internal weak pull-up resistor is enabled when
the pin is configured as the MCLR input.
3.5
Power Pins
It is recommended to connect power pins (Pin 12 and
34) to a stable supply voltage with sufficient source
current. Table 2-3 shows the current consumption.
Additional filtering capacitors are not required but used
to ensure stable supply voltage in a noisy environment.
3.6
Internal Program Pins
PGC_INT (Pin 30) and PGD_INT (Pin 31) are internal
program pins used during manufacturing. For normal
operation, these pins can be left unconnected.
The normal firmware upgrade method is through the
internal bootloader of the module via the UART. The
method is documented in the “RN2483 LoRa®
Technology Module Command Reference User’s
Guide” (DS40001784).
However, for backup firmware update purposes the
user can place a 6-pin ICSP header on their host PCB
with PGC_INT (Pin 30), PGD_INT (Pin 31), RESET
(Pin 32), power and ground.
During High Voltage In-Circuit Serial Programming
mode, the RESET pin is driven with high-voltage (9V),
therefore protection may be necessary for sensitive
devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com