Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN2483 Datasheet(PDF) 7 Page - Microchip Technology

Part # RN2483
Description  Low-Power Long Range LoRa® Technology Transceiver Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN2483 Datasheet(HTML) 7 Page - Microchip Technology

Back Button RN2483 Datasheet HTML 3Page - Microchip Technology RN2483 Datasheet HTML 4Page - Microchip Technology RN2483 Datasheet HTML 5Page - Microchip Technology RN2483 Datasheet HTML 6Page - Microchip Technology RN2483 Datasheet HTML 7Page - Microchip Technology RN2483 Datasheet HTML 8Page - Microchip Technology RN2483 Datasheet HTML 9Page - Microchip Technology RN2483 Datasheet HTML 10Page - Microchip Technology RN2483 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
 2015-2019 Microchip Technology Inc.
DS50002346D-page 7
RN2483
TABLE 2-3:
CURRENT CONSUMPTION
TABLE 2-4:
MODULE DIMENSIONS
Mode
Temperature
(°C)
Typical Current (mA)
VDD = 2.1V
VDD = 3.3V
VDD = 3.6V
Idle
-40 to +85
1.7
2.8
3.1
Transmit
25
28.6
38.9
44.5
Sleep
-40
0.0011
0.0013
0.0014
25
0.0015
0.0016
0.0016
85
0.002
0.0026
0.0026
Parameter
Value
Dimensions
17.8 x 26.7 x 3.34 mm
Weight
2.05g
TABLE 2-5:
OUTPUT POWER OF TX POWER SETTING
Band
TX Power Setting
Output Power (dBm)
Typical Supply Current at
3.3V (mA)
868 MHz
-3
-4.0
17.3
-2
-2.9
18.0
-1
-1.9
18.7
0-1.7
20.2
1-0.6
21.2
2
0.4
22.3
3
1.4
23.5
4
2.5
24.7
5
3.6
26.1
6
4.7
27.5
7
5.8
28.8
8
6.9
30.0
9
8.1
31.2
10
9.3
32.4
11
10.4
33.7
12
11.6
35.1
13
12.5
36.5
14
13.5
38.0
15
14.1
38.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com