Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B722 Datasheet(PDF) 7 Page - EPCOS

Part # B722
Description  SIOV metal oxide varistors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B722 Datasheet(HTML) 7 Page - EPCOS

Back Button B722 Datasheet HTML 3Page - EPCOS B722 Datasheet HTML 4Page - EPCOS B722 Datasheet HTML 5Page - EPCOS B722 Datasheet HTML 6Page - EPCOS B722 Datasheet HTML 7Page - EPCOS B722 Datasheet HTML 8Page - EPCOS B722 Datasheet HTML 9Page - EPCOS B722 Datasheet HTML 10Page - EPCOS B722 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
1) Operating voltage differs from type designation
Electrical specifications and ordering codes
Maximum ratings (TA = 85
°C)
Ordering code
Type
SIOV-
VRMS
V
VDC
V
imax
(8/20 µs)
A
Wmax
(2 ms)
J
Pmax
W
VRMS = 750 V
B72232B0751K001
B32K750
750
970
25000
800
1.2
B72240B0751K001
B40K750
750
970
40000
1200
1.4
B72260B0751K001
B60K750
750
970
70000
2000
1.6
B72280B0751K001
B80K750
750
970
100000
4000
2.0
VRMS = 1100 V
B72260B0102K001
B60K10001)
1100
1465
70000
3000
1.6
B72280B0112K001
B80K1100
1100
1465
100000
6000
2.0
Varistor elements without plastic housing (suitable for soldering) are available upon request.
Characteristics (TA = 25
°C)
Ordering code
Vv
(1 mA)
V
∆V
v
(1 mA)
%
vc,max
(ic)
V
ic
A
Ctyp
(1 kHz)
pF
VRMS = 750 V
B72232B0751K001
1200
±10
2000
200
800
B72240B0751K001
1200
±10
2000
300
1000
B72260B0751K001
1200
±10
2000
500
2400
B72280B0751K001
1200
±10
2000
800
4800
VRMS = 1100 V
B72260B0102K001
1800
±10
2970
500
1600
B72280B0112K001
1800
±10
2970
800
3200
Varistor elements without plastic housing (suitable for soldering) are available upon request.
Block varistors
B722*
HighE series
Page 7 of 22
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com