Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B722 Datasheet(PDF) 3 Page - EPCOS

Part # B722
Description  SIOV metal oxide varistors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B722 Datasheet(HTML) 3 Page - EPCOS

  B722 Datasheet HTML 1Page - EPCOS B722 Datasheet HTML 2Page - EPCOS B722 Datasheet HTML 3Page - EPCOS B722 Datasheet HTML 4Page - EPCOS B722 Datasheet HTML 5Page - EPCOS B722 Datasheet HTML 6Page - EPCOS B722 Datasheet HTML 7Page - EPCOS B722 Datasheet HTML 8Page - EPCOS B722 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Electrical specifications and ordering codes
Maximum ratings (TA = 85
°C)
Ordering code
Type
SIOV-
VRMS
V
VDC
V
imax
(8/20 µs)
A
Wmax
(2 ms)
J
Pmax
W
VRMS =
75 V
B72240B0750K001
B40K75
75
100
25000
190
1.4
VRMS = 130 V
B72232B0131K001
B32K130
130
170
25000
210
1.2
B72240B0131K001
B40K130
130
170
40000
310
1.4
B72260B0131K001
B60K130
130
170
70000
490
1.6
B72280B0131K001
B80K130
130
170
100000
660
2.0
VRMS = 150 V
B72232B0151K001
B32K150
150
200
25000
240
1.2
B72240B0151K001
B40K150
150
200
40000
360
1.4
B72260B0151K001
B60K150
150
200
70000
570
1.6
B72280B0151K001
B80K150
150
200
100000
800
2.0
VRMS = 230 V
B72232B0231K001
B32K230
230
300
25000
300
1.2
B72240B0231K001
B40K230
230
300
40000
460
1.4
B72260B0231K001
B60K230
230
300
70000
730
1.6
B72280B0231K001
B80K230
230
300
100000
1200
2.0
VRMS = 250 V
B72232B0251K001
B32K250
250
320
25000
330
1.2
B72240B0251K001
B40K250
250
320
40000
490
1.4
B72260B0251K001
B60K250
250
320
70000
800
1.6
B72280B0251K001
B80K250
250
320
100000
1300
2.0
VRMS = 275 V
B72232B0271K001
B32K275
275
350
25000
360
1.2
B72240B0271K001
B40K275
275
350
40000
550
1.4
B72260B0271K001
B60K275
275
350
70000
860
1.6
B72280B0271K001
B80K275
275
350
100000
1400
2.0
VRMS = 320 V
B72232B0321K001
B32K320
320
420
25000
430
1.2
B72240B0321K001
B40K320
320
420
40000
640
1.4
B72260B0321K001
B60K320
320
420
70000
1000
1.6
B72280B0321K001
B80K320
320
420
100000
1600
2.0
Varistor elements without plastic housing (suitable for soldering) are available upon request.
Block varistors
B722*
HighE series
Page 3 of 22
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com