Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B722 Datasheet(PDF) 19 Page - EPCOS

Part # B722
Description  SIOV metal oxide varistors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B722 Datasheet(HTML) 19 Page - EPCOS

Back Button B722 Datasheet HTML 14Page - EPCOS B722 Datasheet HTML 15Page - EPCOS B722 Datasheet HTML 16Page - EPCOS B722 Datasheet HTML 17Page - EPCOS B722 Datasheet HTML 18Page - EPCOS B722 Datasheet HTML 19Page - EPCOS B722 Datasheet HTML 20Page - EPCOS B722 Datasheet HTML 21Page - EPCOS B722 Datasheet HTML 22Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
Cautions and warnings
General
1.
EPCOS metal oxide varistors are designed for specific applications and should not be used
for purposes not identified in our specifications, application notes and data books unless oth-
erwise agreed with EPCOS during the design-in-phase.
2.
Ensure suitability of SIOVs through reliability testing during the design-in phase. SIOVs
should be evaluated taking into consideration worst-case conditions.
3.
For applications of SIOVs in line-to-ground circuits based on various international and local
standards there are restrictions existing or additional safety measures required.
Storage
1.
Store SIOVs only in original packaging. Do not open the package before storage.
2.
Storage conditions in original packaging:
Storage temperature:
25
°C ... +45 °C,
Relative humidity:
<75% annual average,
<95% on maximum 30 days a year.
Dew precipitation:
is to be avoided.
3.
Avoid contamination of an SIOV's during storage, handling and processing.
4.
Avoid storage of SIOVs in harmful environments that can affect the function during long-term
operation (examples given under operation precautions).
5.
The SIOV type series should be soldered within the time specified:
SIOV-S, -Q, -LS, -B, -SFS
24 months
ETFV
12 months.
Handling
1.
SIOVs must not be dropped.
2.
Components must not be touched with bare hands. Gloves are recommended.
3.
Avoid contamination of the surface of SIOV electrodes during handling, be careful of the
sharp edge of SIOV electrodes.
Soldering (where applicable)
1.
Use rosin-type flux or non-activated flux.
2.
Insufficient preheating may cause ceramic cracks.
3.
Rapid cooling by dipping in solvent is not recommended.
4.
Complete removal of flux is recommended.
Block varistors
B722*
HighE series
Page 19 of 22
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com